Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-A1T-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R1M-A1T-R
Description  PC Recorders R1M Series PC RECORDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-A1T-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R1M-A1T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R1M-A1
R1M-A1 SPECIFICATIONS
ES-5660 Rev.19 Page 3/6
https://www.m-system.co.jp/
PC RECORDER SOFTWARE
PC Recorder Software Package (model: MSRPAC-2010) is included with purchases of this model.
Refer to the MSRPAC-2010 data sheet for the contents of the package and the requirements for the PC to be prepared by the
user.
EXTERNAL VIEW
RS-485
Connector
Power Terminals
Node Address
Setting Rotary SW
Configurator
Jack
RUN Indicator
LED
RS-232-C
9-pin Connector
ABBR.
PIN NO.
EXPLANATION OF FUNCTION
BA (SD)
2
Transmitted Data
BB (RD)
3
Received Data
AB (SG)
5
Signal Common
CB (CS)
7
Clear to Send
CA (RS)
8
Request to Send
1
Not Used.
4
DO NOT connect. Connecting may
6
cause malfunctions.
9
1
5
6
9
■ RS-232-C INTERFACE
MODBUS WIRING CONNECTION
R1M
T1
T2
T3
T4
R1M
T1
T2
T3
T4
T1
T2
T3
T4
R1M
RS-232-C
RS-485
*1
*1
*1. Internal terminating resistor is used when the device is at the end of a transmission line.
*2. Install shielded cables to all sections and ground them at single point.
*2
FG
RS-485



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com