Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-A1T-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R1M-A1T-R
Description  PC Recorders R1M Series PC RECORDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-A1T-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R1M-A1T-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-A1T-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R1M-A1
R1M-A1 SPECIFICATIONS
ES-5660 Rev.19 Page 2/6
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Input: Dry contact, 32 points
Commons: All negatives
Sensing: Approx. 5 V DC (pull-up resistance 22 kΩ)
≤ 1.5 V at ON
≥ 4 V at OFF
Sampling rate: 50 msec.
• Totalizing Counter Function
Number of input channels: 16
(ch.1 thr. 16 available both with instantaneous status and
totalized value)
Max. input frequency: 100 Hz
Minimum pulse width: 5 ms
Counter reset input: Pulse rising (ch.32 assigned)
Max. counter value: 999 999 999 (reset to zero at overflow)
INSTALLATION
Power consumption
•AC: Approx. 10 VA
•DC: Approx. 7 W
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE
Multi-transmission time: 5 msec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input to RS-232-
C or RS-485 to power to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or RS-232-C/RS-485 to power: Reinforced insulation
(300 V)
Input to RS-232-C/RS-485: Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com