Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESR8FST4N Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # ESR8FST4N
Description  Remote I/O R8 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESR8FST4N Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  ESR8FST4N Datasheet HTML 1Page - M-System Co.,Ltd. ESR8FST4N Datasheet HTML 2Page - M-System Co.,Ltd. ESR8FST4N Datasheet HTML 3Page - M-System Co.,Ltd. ESR8FST4N Datasheet HTML 4Page - M-System Co.,Ltd. ESR8FST4N Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R8-FST4N
R8-FST4N SPECIFICATIONS
ES-9694 Rev.0 Page 4/5
http://www.m-system.co.jp/
OPERATING MODE SETTING
(*) factory default setting
Note: Be sure to set unused SW4-5 through 4-7 to OFF.
■ Module Address
The left switch determines the tenth place digit, while the
right one does the ones place digit of the module address.
Address is selected between 0 to 30.
(Factory setting: 0)
Module Address Setting (x1)
Module Address Setting (x10)
1
0
9
1
0
9
TERMINATOR SW
SW3
Without (*)
OFF
With
ON
■ Terminator DIP SW
■ Input Setting
INPUT SETTING
INPUT 1
INPUT 2
INPUT 3
INPUT 4
MODE
SW4-1 SW5-1 SW4-2 SW5-2 SW4-3 SW5-3 SW4-4 SW5-4
SW4-8
Con guration mode
Voltage input (*)
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
Current input
OFF
ON
OFF
ON
OFF
ON
OFF
ON
ON
Fixed input mode
Voltage input 0 – 10V DC
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Current input 4 – 20mA DC
ON
ON
ON
ON
ON
ON
ON
ON
OFF
EXTERNAL DIMENSIONS unit: mm (inch)
DIN RAIL
(35mm wide)
(3 (.12))
(4 (.16))
12 (.47)
73 (2.87)
55 (2.17)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com