Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESR8FST4N Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ESR8FST4N
Description  Remote I/O R8 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESR8FST4N Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ESR8FST4N Datasheet HTML 1Page - M-System Co.,Ltd. ESR8FST4N Datasheet HTML 2Page - M-System Co.,Ltd. ESR8FST4N Datasheet HTML 3Page - M-System Co.,Ltd. ESR8FST4N Datasheet HTML 4Page - M-System Co.,Ltd. ESR8FST4N Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R8-FST4N
R8-FST4N SPECIFICATIONS
ES-9694 Rev.0 Page 1/5
http://www.m-system.co.jp/
Remote I/O R8 Series
DC VOLTAGE/CURRENT INPUT MODULE
(built-in excitation, 4 points, non-isolated)
Functions & Features
• DC current input and DC voltage input compact size
remote I/O module
• Switching between current input and voltage input with
PC configurator (model: R8CFG)
• Accepts direct input from power output as sensor power
and outputs from terminals
• Each channel is atachable/detachable independently with
separable tension clamp terminal.
12 (.47)
115 (4.53)
73 (2.87)
mm (inch)
MODEL: R8-FST4N[1]
ORDERING INFORMATION
• Code number: R8-FST4N[1]
Specify a code from below for [1].
(e.g. R8-FST4N/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R8CFG)
The configurator software is downloadable at M-System’s
web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the users manual for the PC configurator
for applicable cable types.
GENERAL SPECIFICATIONS
Connection
• Input: Tension clamp
• Excitation supply, internal bus:
Connected to internal bus connector
• Internal power: Via bus connector
Isolation: Input or exc. supply to internal bus or internal
power
Input type: Configuration mode that selectable between
current input and voltage input and available to configure
scaling individually for each 4 points with configurator
software (model: R8CFG) and fixed input mode that
selectable between 0 - 10 V DC and 4 - 20 mA DC
individually for each 4 points are available.
Module address: With rotary switch
Terminating resistor: Built-in (DIP Switch, default: disable)
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Input status indicators: Red LED; Refer to the instruction
manual.
INPUT SPECIFICATIONS
■ DC Voltage:
• Configuration mode
Input range: -10 – +10 V DC
Input setting value: Available to set in the input range
Operational range: -5 - +105 % (% of input setting value)
Input resistance: ≥ 1 MΩ
• Fixed input mode
Input range: 0 – 10 V DC
Input setting value: Available to set in the input range
Operational range: -5 - +105 % (% of input setting value)
Input resistance: ≥ 1 MΩ
■ DC Current:
• Configuration mode
Input range: -20 – +20 mA DC
Input setting value: Available to set in the input range
Operational range: -5 - +105 % (% of input setting value)
Input resistance: 50 Ω (1/4 W)
• Fixed input mode
Input range: 4 – 20 mA DC
Input setting value: Available to set in the input range
Operational range: -5 - +105 % (% of input setting value)
Input resistance: 50 Ω (1/4 W)
Factory default (Input type and input setting value):
Voltage input, input range -10 - +10 V DC for all 4 points.


Similar Part No. - ESR8FST4N

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
ESR820M0G000B CDE-ESR820M0G000B Datasheet
41Kb / 3P
TYPE ESR SURFACE MOUNT POLYMER ALUMINUM ELECTROLYTIC CAPACITORS.
ESR820M0G1316 CDE-ESR820M0G1316 Datasheet
41Kb / 3P
TYPE ESR SURFACE MOUNT POLYMER ALUMINUM ELECTROLYTIC CAPACITORS.
logo
M-System Co.,Ltd.
ESR8DCT4D MSYSTEM-ESR8DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series
More results

Similar Description - ESR8FST4N

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESR8DCT4D MSYSTEM-ESR8DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series
R8-RS4N MSYSTEM-R8-RS4N Datasheet
237Kb / 5P
Remote I/O R8 Series RTD INPUT MODULE
R8-NM1 MSYSTEM-R8-NM1 Datasheet
443Kb / 10P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NEIP1 MSYSTEM-R8-NEIP1 Datasheet
232Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NECT1 MSYSTEM-R8-NECT1 Datasheet
233Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-ND1 MSYSTEM-R8-ND1 Datasheet
320Kb / 4P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NC3 MSYSTEM-R8-NC3 Datasheet
306Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-DCT4D MSYSTEM-R8-DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series RELAY OUTPUT MODULE
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
R8-TC2 MSYSTEM-R8-TC2 Datasheet
256Kb / 7P
Remote I/O R8 Series TEMPERATURE CONTROL MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com