Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-FST4N/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R8-FST4N/Q
Description  Remote I/O R8 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-FST4N/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R8-FST4N/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-FST4N/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-FST4N/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-FST4N/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-FST4N/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R8-FST4N
R8-FST4N SPECIFICATIONS
ES-9694 Rev.0 Page 3/5
http://www.m-system.co.jp/
EXTERNAL VIEW
RUN
Input Range
Selectors
Terminator
DIP SW
1 2 3 4 5 6 7 8
SW4
SW3
Term
■ FRONT VIEW
■ RIGHT VIEW
■ LEFT VIEW
On
Input Range
Selectors
On
Status
Indicator LED
Input Status
Indicator LEDs
Internal Bus
Connector
Input
Connectors
Module Address Setting
Rotary SW
1
0
9
1
0
9
SW1
×10
CARD ADD.
×1
SW2
1
0
9
1
0
9
WIRING
• TENSION CLAMP
Unit side connector: M-System’s product
Cable side connector: DFMC1,5/2-ST-3,5 (Phoenix Contact)
(included in the package)
Applicable wire size: 0.2 - 1.5 mm2
Stripped length: 10 mm
Recommended solderless terminal
• AI0,25-10YE 0.25 mm2 (Phoenix Contact)
• AI0,34-10TQ 0.34 mm2 (Phoenix Contact)
• AI0,5-10WH 0.5 mm2 (Phoenix Contact)
• AI0,75-10GY 0.75 mm2 (Phoenix Contact)
• A1-10 1.0 mm2 (Phoenix Contact)
• A1,5-10 1.5 mm2 (Phoenix Contact)
PIN
No.
ID
FUNCTION
1
Ai 1
Input 1 (+)
2
AG
Input 1 (−)
3
24V
Excitation supply (+)
4
0V
Excitation supply (−)
5
Ai 2
Input 2 (+)
6
AG
Input 2 (−)
7
24V
Excitation supply (+)
8
0V
Excitation supply (−)
9
Ai 3
Input 3 (+)
10
AG
Input 3 (−)
11
24V
Excitation supply (+)
12
0V
Excitation supply (−)
13
Ai 4
Input 4 (+)
14
AG
Input 4 (−)
15
24V
Excitation supply (+)
16
0V
Excitation supply (−)
Ai 1
1
AG
2
24V
3
0V
4
Ai 2
5
AG
6
24V
7
0V
8
Ai 3
9
AG
10
24V
11
0V
12
Ai 4
13
AG
14
24V
15
0V
16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com