Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-FST4N/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R8-FST4N/Q
Description  Remote I/O R8 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-FST4N/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R8-FST4N/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-FST4N/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-FST4N/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-FST4N/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-FST4N/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R8-FST4N
R8-FST4N SPECIFICATIONS
ES-9694 Rev.0 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
4
3
INTERNAL POWER
*1. Fuse is not replaceable.
INTERNAL BUS
EXC. SUPPLY
INPUT STATUS
INDICATOR LED
+24V
0V
0V
Ai 1
AG
24V
0V
STATUS
INDICATOR
LED
SETTING
SW
+24V
*1
INPUT 1
INPUT CONNECTOR 1
5
6
8
7
Ai 2
AG
24V
0V
INPUT 2
INPUT CONNECTOR 2
9
10
12
11
Ai 3
AG
24V
0V
INPUT 3
INPUT CONNECTOR 3
13
14
16
15
Ai 4
AG
24V
0V
INPUT 4
INPUT CONNECTOR 4
Isolation
Control
Circuit
Comm.
Circuit
Power
Circuit
Input A/D
Converter
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com