Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DAC16S/CE Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-DAC16S/CE
Description  Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DAC16S/CE Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-DAC16S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 6Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: R3-DAC16
R3-DAC16 SPECIFICATIONS
ES-8459 Rev.7 Page 5/7
https://www.m-system.co.jp/
■ CONTINUOUS OUTPUT MODE
Do 1 through 8 are assigned to and Ch1 through 8. When data Do is “1” output is ON (energized) and when it is “0” output is OFF
(de-energized). The operation is equivalent to 16 points discrete output module (model: R3-DC16). Output completion status Di
is related to Do.
Do
CONTINUOUS OUTPUT
Di
OUTPUT COMPLETION STATUS
Do 1
Ch1 Output
Di 9
Ch1 Output Completion Status
Do 2
Ch2 Output
Di 10
Ch2 Output Completion Status
Do 3
Ch3 Output
Di 11
Ch3 Output Completion Status
Do 4
Ch4 Output
Di 12
Ch4 Output Completion Status
Do 5
Ch5 Output
Di 13
Ch5 Output Completion Status
Do 6
Ch6 Output
Di 14
Ch6 Output Completion Status
Do 7
Ch7 Output
Di 15
Ch7 Output Completion Status
Do 8
Ch8 Output
Di 16
Ch8 Output Completion Status
DATA ASSIGNMENT
■ Do
Note 1: For 4-bit length ON/OFF control mode, Do 5 through Do 8 are unavailable.
Note 2: For the combination with Modbus communication module (model: R3-NE1, R3-NM1 and such),
use the addresses of Coil (0X) for Modbus I/O assignment.
■ Di
Note 1: Di 9 – 16 data is not practical discrete input data. It is “output completion status” internal data.
Note 2: For the combination with Modbus communication module (model: R3-NE1, R3-NM1 and such),
use the addresses of Input (1X) for Modbus I/O assignment.
0
15
Di 1
Di 2
Di 3
Di 16
0
15
Do 1
Do 2
Do 3
Do 8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com