Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DAC16S/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-DAC16S/CE
Description  Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DAC16S/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-DAC16S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 6Page - M-System Co.,Ltd. R3-DAC16S/CE Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: R3-DAC16
R3-DAC16 SPECIFICATIONS
ES-8459 Rev.7 Page 1/7
https://www.m-system.co.jp/
Remote I/O R3 Series
DISCRETE INPUT OUTPUT MODULE
(Di 8 points, Do 8 points)
Typical Applications
• Controls start/stop of field devices with ON/OFF control
output
• Simplifies signal hold circuit of field devices
• Utilizing One-Shot Output reduces the load of PLC side.
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3–DAC16[1][2]
ORDERING INFORMATION
• Code number: R3-DAC16[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-DAC16W/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
16: 8 points input, 8 points output
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
CAUTION
• This unit is not designed to be used with the following
types of interface modules (models: R3-NC2, R3-NEIP1, R3-
NFx, R3-NLx).
• Output completion status data is compatible with interface
modules (models: R3-NC1, R3-NC3, R3-NDx, R3-NE1, R3-
NFL1, R3-NM1, R3-NM4, R3-NP1) of firmware version V2.00
or higher, and interface modules (models: R3-NM3, R3-
NML3) of firmware version V1.00 or higher.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input, Output: M3 separable screw terminal
(torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Input to output to internal bus or internal power
Output mode setting: One-Shot Output Mode, ON/OFF
Control Output Mode, Continuance Output Mode selectable
with DIP switch
Data length Setting: 8bit, 4bit selectable with DIP switch
(For ON/OFF Control Output Mode only)
One-shot ON time setting: 0.1 to 25.6 sec. selectable with
DIP switch
ON/OFF control output setting: Swappable its pair with DIP
switch.
Output hold setting: Setting for communication error with
side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/ green) LED;
Green in normal operating conditions
Red with the abnormal configuration
Status indicator: Red LED;
1 to 8: Intput status, turns on with input ON.
9 to 16: Output status, turns on with output ON.
Di read rate setting: 1 / 5 / 10 / 20 / 50 / 70 / 100 / 200
msec. selectable with DIP SW
INPUT SPECIFICATIONS
Number of input: 8 points
Isolation: Optical isolator
Input resistance: Approx. 4.4 kΩ
Common: Positive or negative (NPN/PNP) common per 8
points (2 terminals)
Rated input voltage: 24 V DC +10/-15 % (ripple 5 %p-p


Similar Part No. - R3-DAC16S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DAC16A MSYSTEM-R3-DAC16A Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16AS MSYSTEM-R3-DAC16AS Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16AS/Q MSYSTEM-R3-DAC16AS/Q Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16AW MSYSTEM-R3-DAC16AW Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16AW/Q MSYSTEM-R3-DAC16AW/Q Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
More results

Similar Description - R3-DAC16S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16B MSYSTEM-R3-DC16B Datasheet
117Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DAC16A MSYSTEM-R3-DAC16A Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DA64A MSYSTEM-R3-DA64A Datasheet
164Kb / 6P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-SDAC16A MSYSTEM-R3-SDAC16A Datasheet
217Kb / 8P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDAC16 MSYSTEM-R3-SDAC16 Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDA16 MSYSTEM-R3-SDA16 Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3Y-DA16A MSYSTEM-R3Y-DA16A Datasheet
132Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com