Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DA64AW/5 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-DA64AW/5
Description  Remote I/O R3 Series DISCRETE INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DA64AW/5 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-DA64AW/5 Datasheet HTML 1Page - M-System Co.,Ltd. R3-DA64AW/5 Datasheet HTML 2Page - M-System Co.,Ltd. R3-DA64AW/5 Datasheet HTML 3Page - M-System Co.,Ltd. R3-DA64AW/5 Datasheet HTML 4Page - M-System Co.,Ltd. R3-DA64AW/5 Datasheet HTML 5Page - M-System Co.,Ltd. R3-DA64AW/5 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R3-DA64A
R3-DA64A SPECIFICATIONS
ES-8412 Rev.11 Page 2/6
https://www.m-system.co.jp/
≥ 2 mA, ≤ 1.5 kΩ (12 V DC)
≥ 2 mA, ≤ 500 Ω (5 V DC)
OFF current/resistance:
≤ 1 mA, ≥ 6 kΩ (24 V DC)
≤ 1 mA, ≥ 3 kΩ (12 V DC)
≤ 1 mA, ≥ 1.5 kΩ (5 V DC)
Detection levels
ON:
≥ 18 V (24 V DC)
≥ 8 V (12 V DC)
≥ 3 V (5 V DC)
OFF:
≤ 9 V (24 V DC)
≤ 4 V (12 V DC)
≤ 1.5 V (5 V DC)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 4
Current consumption: 100 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(Di 11 thru 18 to Di 21 thru 28 to Di 31 thru 38 to Di 41 thru
48 to Di 51 thru 58 to Di 61 thru 68 to Di 71 thru 78 to Di 81
thru 88)
2000 V AC @ 1 minute (input to internal bus or internal
power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com