Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DS8NS/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-DS8NS/CE
Description  Remote I/O R3 Series 4 ??20 mA INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DS8NS/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-DS8NS/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-DS8NS/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-DS8NS/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-DS8NS/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-DS8NS/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-DS8N
R3-DS8N SPECIFICATIONS
ES-8369 Rev.11 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INPUT 1
1
2
–
+
2W-XMTR (EXC)
INTERNAL POWER
* For dual redundant communication.
Control
Circuit
Communication
Circuit
Current
Limiter
Input Circuit
DIP SW
RUN LED ERR LED
24V DC
250Ω
INPUT 2
3
4
–
+
2W-XMTR (EXC)
Current
Limiter
24V DC
250Ω
INPUT 3
5
6
–
+
2W-XMTR (EXC)
Current
Limiter
24V DC
250Ω
INPUT 4
7
8
–
+
2W-XMTR (EXC)
Current
Limiter
24V DC
250Ω
INPUT 5
11
12
–
+
2W-XMTR (EXC)
Current
Limiter
24V DC
250Ω
INPUT 6
13
14
–
+
2W-XMTR (EXC)
Current
Limiter
24V DC
250Ω
INPUT 7
15
16
–
+
2W-XMTR (EXC)
Current
Limiter
24V DC
250Ω
INPUT 8
17
18
9
19
10
20
–
+
2W-XMTR (EXC)
Current
Limiter
24V DC
24V DC
SENSOR
EXCIATION
24V DC
250Ω
• Unused Input Channels
Close across the unused input terminals with a resistor (5kΩ, 0.5W) as shown below.
Unused channels left open are equal to the input lower than -15%, which sets a data abnormality at the PLC or the host device.
Unused channels can be specified and set so on the PC Configurator Software (model: R3CON) without needing to connect
resistors at the field terminals.
1
2
INPUT 1
3
4
INPUT 2
5
6
INPUT 3
7
8
INPUT 4
11
12
INPUT 5
13
14
INPUT 6
15
16
INPUT 7
17
18
INPUT 8
5kΩ (0.5W)
5kΩ (0.5W)
INTERNAL BUS A
INTERNAL BUS B*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com