Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-DS8NS/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-DS8NS/CE
Description  Remote I/O R3 Series 4 ??20 mA INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DS8NS/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-DS8NS/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-DS8NS/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-DS8NS/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-DS8NS/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-DS8NS/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-DS8N
R3-DS8N SPECIFICATIONS
ES-8369 Rev.11 Page 2/5
https://www.m-system.co.jp/
PERFORMANCE
Conversion accuracy: Refer to the table at the end of this
section.
Conversion rate: 160 / 80 / 40 / 20 msec. selectable
(factory default: 160 msec.)
Data range: 0 – 10000
Data allocation: 8
Current consumption: 60 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.2 sec. (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
Conversion accuracy
RATE
160 msec.
80 msec.
40 msec.
20 msec.
ACCURACY
±0.05%
±0.1%
±0.2%
±0.4%
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
■ FRONT VIEW
■ SIDE VIEW
RUN LED
1
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
ERR LED
RUN LED
SW3
ON
4
3
2
1
Conv.
Rate



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com