Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GFL1S/CE Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-GFL1S/CE
Description  Remote I/O R3 Series FL-net INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GFL1S/CE Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-GFL1S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: R3-GFL1
R3-GFL1 SPECIFICATIONS
ES-8461 Rev.13 Page 3/6
https://www.m-system.co.jp/
FL-net DESCRIPTIONS
■ CYCLIC TRANSMISSION
• Transmitting virtual I/O value, this module's information
and node error of signal source.
• Supplying common memory word data transmitted from
another devices as virtual output.
• If the node that this module is accessing has been
removed from the common memory, the operations “Hold
output” and “Clear Output” are selectable.
■ MESSAGE TRANSMISSION
The module supports the FL-net defined functions listed in
the following table. Only the server function is supported.
Server function allows the module to build a response frame
to a request message.
Client function allows the module to transmit a request
message and to receive its response frame.
MESSAGE TYPE
SERVER
CLIENT
Byte block read
No
No
Byte block write
No
No
Word block read
Yes
No
Word block write
Yes
No
Network parameter read
Yes
No
Network parameter write
No
No
Stop command
Yes
No
Start command
Yes
No
Prole read
Yes
No
Transparent mode
No
No
Log data read
Yes
No
Log data clear
Yes
No
Message echo back
Yes
No
PC REQUIREMENTS (provided by the user)
The following PC environment is required to run the R3-NFLBLD program.
Operating system: Windows 7 (32-bit/64-bit) or Windows 10 (32-bit/64-bit)
Screen area: 1024 by 768 pixels
LAN card: Required to connect to Ethernet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com