Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GFL1S/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-GFL1S/CE
Description  Remote I/O R3 Series FL-net INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GFL1S/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-GFL1S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-GFL1S/CE Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R3-GFL1
R3-GFL1 SPECIFICATIONS
ES-8461 Rev.13 Page 2/6
https://www.m-system.co.jp/
Internal power: Via the Installation Base (model: R3-BSx)
RUN contact output: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 7
mm)
RUN/CFG selector: Toggle switch; RUN or Configuration
Isolation: Ethernet to internal bus or internal power to RUN
contact output
Indicator LEDs
RUN: Green LED turns on when the CPU, internal bus and
field bus on the other interface module are in normal
conditions.
ERR: Red LED turns on in an abnormality of the system.
LNK: Red LED turns on while the R3-GFL1 is participating
FL-net (normal communication)
HER: Red LED turns on in an abnormality of I/O data.
PER: Red LED blinks on with the parameter setting error.
CFG: Red LED blinks in high speed at the startup; blinks in
low speed while the builder software is used.
TX: Green LED turns on while transmitting.
RX: Amber LED turns on while receiving.
Module allocation: Set with the side DIP switch.
■ RUN CONTACT OUTPUT
RUN contact: Relay turns on when the CPU, the internal bus
function and the field bus on the other interface module are
in normal conditions.
Rated load: 250 V AC @0.5A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(< 50 V AC, < 75 V DC for EU conformity)
Maximum switching voltage: 250 V AC or 220 V DC
Maximum switching power: 62.5 VA or 60 W
Minimum load: 10 mV DC @ 1 mA
Mechanical life: 5 × 107 cycles (rate 300/min.)
When driving an inductive load, external contact protection
and noise quenching are recommended.
FL-net SPECIFICATIONS
FL-net: Ver.2.0 supported
Physical layer standard: IEEE 802.3u
Data link layer: 10BASE-T / 100BASE-TX
Baud rate: 10 / 100 Mbps, Auto Negotiation
Protocol: FL-net (OPCN-2) (UDP/IP)
Transmission media: 10BASE-T (STP cable, category 5)
100BASE-TX (STP cable, category 5e)
Max. segment length: 100 meters
Max. number of nodes: 254
IP address: FL-net Configuration Builder is used to set up the
IP address and the network address.
Factory setting:
192.168.250.1 (IP address)
255.255.255.0 (network address)
Max. cyclic data size:
8 k bits (area 1) + 8 k words (area 2) / system
4 k bits (area 1) + 256 words (area 2) / node
Max. message data size: 1024 bytes (per transmission
cycle)
Performance (2k bits + 2k words / node, 32 nodes in total)
Token cycle time: 50 milliseconds (1.56 milliseconds/ node
in average)
Message transmission time: 500 milliseconds (1 : 1
unidirectional message)
INSTALLATION
Current consumption: 150 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 16 × n (Module allocation: 1 to 8)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Ethernet to internal bus or internal power to RUN contact
output)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com