Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GM1S/CE Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-GM1S/CE
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GM1S/CE Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-GM1S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 6Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 7Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: R3-GM1
R3-GM1 SPECIFICATIONS
ES-8463 Rev.9 Page 6/8
https://www.m-system.co.jp/
TRANSMISSION DATA DESCRIPTIONS
Use the DIP SW located at the side of the module to specify module allocation.
1 module is equivalent to 1 I/O module with 16 words analog input and 16 words analog output. Max. 8 modules (128 words
input, 128 words output) transmission is available. R3-GM1 seems as if max. 8 I/O modules are mounted to 8 slots via Modbus.
The input of the module is processed as follows.
Modbus Communication --> R3-GM1 Module --> R3 Base --> R3 Communication Module
In responding to the input, the output (Holding Register) command becomes valid via Modbus communication, and the input
(Input Register) command is valid in the output.
Note: Do not mount any modules in the slots which are occupied by virtual modules. If a real I/O module is mounted in the slot,
an internal bus error occurs. Max. 16 real I/O modules and virtual modules are available. The interface module can not read the
data for more than 16 modules.
SLOT
REAL MODULE
VERTUAL MODULE
NO. OF WORDS
Slot No.1
R3-SV4
R3-SV4
4 Words
Slot No.2
R3-GM1
R3-GM1 (1/4)
16 Words
Slot No.3
No module
R3-GM1 (2/4)
16 Words
Slot No.4
No module
R3-GM1 (3/4)
16 Words
Slot No.5
No module
R3-GM1 (4/4)
16 Words
Slot No.6
No module
No module
----
Slot No.7
R3-NC3
R3-NC3
----
Slot No.8
R3-PS1
R3-PS1
----
■ WHEN R3-GM1 IS MOUNTED ON SLOT NO. 2 (4 modules)
1
2
3
4
5
6
7
8
R3-
SV4
R3-BS08
R3-
GM1
R3-
NC3
R3-
PS1
Real I/O modules are mounted on Slots No. 1 and 2, however, the network module (R3-NC3) recognizes that each of Slots No. 1
to 5 is occupied. That is, R3-NC3 recognizes R3-SV4 mounted on Slot No.1 as it is and recognizes R3-GM1 mounted on Slot No.2
as divided into four modules and occupying Slots No. 2 to 5.
I/O DATA DESCRIPTIONS
■ MODULE STATUS, DATA ERROR STATUS
Shows each module’s availability and error status.
0
15
Module 1 (Slot 1)
Module 2 (Slot 2)
Module 3 (Slot 3)
Module 8 (Slot 8)
■ ANALOG DATA
16-bit binary data.
0
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com