Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GM1S/CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-GM1S/CE
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GM1S/CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-GM1S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 6Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 7Page - M-System Co.,Ltd. R3-GM1S/CE Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: R3-GM1
R3-GM1 SPECIFICATIONS
ES-8463 Rev.9 Page 2/8
https://www.m-system.co.jp/
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
MODBUS COMMUNICATION
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable
(CPEV-S 0.9 dia.)
Transmission setting: DIP switch (front)
Data mode: RTU (Binary) or ASCII
Parity: None, even or odd
Baud rate: 4800, 9600, 19.2 k, 38.4 k (bps)
Node address: Rotary switch; 01 – F7
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 16 × n (Module allocation: 1 to 8)
Current consumption: 100 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Modbus to internal bus or internal power to RUN contact
output)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com