Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBG5000-R100-2EP1-IO Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBG5000-R100-2EP1-IO
Description  Retroreflective sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBG5000-R100-2EP1-IO Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBG5000-R100-2EP1-IO Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBG5000-R100-2EP1-IO Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBG5000-R100-2EP1-IO Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBG5000-R100-2EP1-IO Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Retroreflective sensor
OBG5000-R100-2EP1-IO
3
Teach-in:
Use the rotary switch to select the required operating mode: Normal mode (N) or contrast level I – III.
To teach in a threshold or activate an operating mode, press the "TI" button until the yellow and green LEDs flash in phase (approx. 1 s).
Release the "TI" button. Teach-in starts.
Successful teach-in is indicated by alternating flashing (2.5 Hz) of the yellow and green LEDs. The sensor will now operate in the selected
operating mode with the taught-in threshold.
An unsuccessful teach-in is indicated by rapidly alternating flashing (8 Hz) of the yellow and green LEDs. After an unsuccessful teach-in, the
sensor continues to operate with the previous valid setting after the relevant visual fault signal is issued.
Every taught-in switching threshold can be re-taught (overwritten) by pressing the "TI" button again.
Note: To ensure that the device functions reliably in Contrast mode, the device must be powered on at least 30 s before Teach-in.
Setting the Device to Maximum Sensitivity
Use the rotary switch to select the Normal mode (N) position.
Press the "TI" button for > 4 s. The yellow and green LEDs will go out.
Release the "TI" button.
The settings will be reset to maximum sensitivity. After successfully resetting, the yellow and green LEDs will flash alternately (2.5 Hz).
Switching between light on/dark on
Use the rotary switch to select the light on/dark on (L/D) position.
Press the "TI" button for > 1 s.
The respective operating indicator LED (L/D) will illuminate green and the switching type will change.
To reset the switching type, press the "TI" button for > 4 s.
The respective operating indicator LED (L/D) will illuminate green and the operating indicator will be reset to the most recently active switching
Mass
approx. 36 g
Cable length
2 m
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
Curves/Diagrams
Settings
X
Offset Y [mm]
Distance X [m]
Characteristic response curve
0
1
2
3
4
5
6
7
H85-2
C110-2
FE-RR1
VR10
OFR-100/100
150
100
50
0
-50
-100
-150
X
Reflector type:
Stability control > 2
Stability control < 2
Stability control
Distance X [m]
Relative received light strength in switch position "N"
H85-2
C110-2
FE-RR1
100
10
1
2
0
1
2
3
4
5
6
7
6.4 m
6.8 m
4.8 m
VR10
2.8 m
0 m
0 m
0 m
0 m
OFR-100/100
2.2 m
0 m
1.7 m
2.3 m
4.0 m
5.6 m
5.6 m
H85-2
C110-2
FE-RR1
VR10
OFR-100/100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com