Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBG5000-R100-2EP1-IO Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBG5000-R100-2EP1-IO
Description  Retroreflective sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBG5000-R100-2EP1-IO Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBG5000-R100-2EP1-IO Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBG5000-R100-2EP1-IO Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBG5000-R100-2EP1-IO Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBG5000-R100-2EP1-IO Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Retroreflective sensor
OBG5000-R100-2EP1-IO
Dimensions
Electrical connection
Indicators/operating means
21.5
11
8.7
M3 (2x)
3.2
14.5
3.2
3.3
BN
L+
BK
WH
BU
C/Q
L-
Q
1
Teach-in button
2
Mode rotary switch
3
Operating indicator / dark on
4
Signal indicator
5
Operating indicator / light on
N
Normal mode
I
10 % contrast detection
II
18 % contrast detection
III
40 % contrast detection
L/D Switching type
0
Keylock
3
4
5
1
2
N
I
II
III
L/D
0
Model Number
OBG5000-R100-2EP1-IO
Retroreflective sensor (glass)
with fixed cable
Features
• Miniature design with versatile
mounting options
• Detects transparent objects, i.e., clear
glass, PET and transparent films
• Two machines in one: clear object
detection or reflection operating
mode with long range
• High degree of protection IP69K
• IO-link interface for service and
process data
Product information
The R100 series miniature optical sensors
are the first devices of their kind to offer an
end-to-end solution in a small single standard
design — from thru-beam sensor through to a
distance measurement device. As a result of
this design, the sensors are able to perform
practically all standard automation tasks.
The entire series enables sensors to
communicate via IO-Link.
The DuraBeam laser sensors are durable and
can be used in the same way as a standard
sensor.
The use of Multi Pixel Technology gives the
standard sensors a high level of flexibility and
enables them to adapt more effectively to
their operating environment.


Similar Part No. - OBG5000-R100-2EP1-IO

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBG5000-R100-2EP1-IO-V31 PF-OBG5000-R100-2EP1-IO-V31 Datasheet
404Kb / 4P
Retroreflective sensor
More results

Similar Description - OBG5000-R100-2EP1-IO

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RLK29-55-5060 PF-RLK29-55-5060 Datasheet
1Mb / 6P
Retroreflective sensor
OBG4000-R103-2EP-IO PF-OBG4000-R103-2EP-IO Datasheet
382Kb / 4P
Retroreflective sensor
OBG5000-R100-EP-IO-V3 PF-OBG5000-R100-EP-IO-V3 Datasheet
417Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP1-IO PF-OBG5000-R101-2EP1-IO Datasheet
414Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP1-IO-V31 PF-OBG5000-R101-2EP1-IO-V31 Datasheet
445Kb / 4P
Retroreflective sensor
OBG5000-R101-2EP-IO PF-OBG5000-R101-2EP-IO Datasheet
414Kb / 4P
Retroreflective sensor
OBG5000-R101-2P1-IO-V31 PF-OBG5000-R101-2P1-IO-V31 Datasheet
381Kb / 3P
Retroreflective sensor
OBR10M-R101-2EP-IO-1R-IR PF-OBR10M-R101-2EP-IO-1R-IR Datasheet
1Mb / 6P
Retroreflective sensor
OBG8000-R201-2EP-IO-V15 PF-OBG8000-R201-2EP-IO-V15 Datasheet
437Kb / 4P
Retroreflective sensor
ML100-55-8032 PF-ML100-55-8032 Datasheet
982Kb / 5P
Retroreflective sensor
2023-03-28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com