Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92633MPWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92633MPWPR
Description  TPS92633 Three-Channel High-Side LED Driver with Thermal Sharing and Off-Board Binning
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92633MPWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS92633MPWPR Datasheet HTML 1Page - Texas Instruments TPS92633MPWPR Datasheet HTML 2Page - Texas Instruments TPS92633MPWPR Datasheet HTML 3Page - Texas Instruments TPS92633MPWPR Datasheet HTML 4Page - Texas Instruments TPS92633MPWPR Datasheet HTML 5Page - Texas Instruments TPS92633MPWPR Datasheet HTML 6Page - Texas Instruments TPS92633MPWPR Datasheet HTML 7Page - Texas Instruments TPS92633MPWPR Datasheet HTML 8Page - Texas Instruments TPS92633MPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
5 Pin Configuration and Functions
1
SUPPLY
20
RES1
2
EN
19
OUT1
3
IN1
18
RES2
4
IN2
17
OUT2
5
IN3
16
RES3
6
DIAGEN
15
OUT3
7
PWM1
14
GND
8
PWM2
13
IREF
9
PWM3
12
SLS_REF
10
FAULT
11
ICTRL
Not to scale
Thermal
Pad
Figure 5-1. PWP Package 20-Pin HTSSOP With PowerPAD™ Package Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
SUPPLY
1
I
Device power supply.
EN
2
I
Device enable pin.
IN1
3
I
Current input for channel 1.
IN2
4
I
Current input for channel 2.
IN3
5
I
Current input for channel 3.
DIAGEN
6
I
Enable pin for LED open-circuit detection and single LED short detection to avoid false open
and single LED short diagnostics during low-dropout operation.
PWM1
7
I
PWM input for OUT1 and RES1 current output ON/OFF control.
PWM2
8
I
PWM input for OUT2 and RES2 current output ON/OFF control.
PWM3
9
I
PWM input for OUT3 and RES3 current output ON/OFF control.
FAULT
10
I/O
Fault output, support one-fails–all-fail fault bus.
ICTRL
11
O
Resistor programmable voltage reference pin for LED binning resistor or NTC resistor.
SLS_REF
12
O
Resistor programmable voltage reference pin for single LED short threshold.
IREF
13
O
Current reference pin. A 12.3-kΩ resistor is recommended to be connected between IREF
pin and ground.
GND
14
—
Ground.
OUT3
15
O
Current output for channel 3. A 10-nF capacitor is recommended between the pin to GND.
RES3
16
O
Current output for channel 3 with external thermal resistor.
OUT2
17
O
Current output for channel 2. A 10-nF capactitor is recommended between the pin to GND.
RES2
18
O
Current output for channel 2 with external thermal resistor.
OUT1
19
O
Current output for channel 1. A 10-nF capacitor is recommended between the pin to GND.
RES1
20
O
Current output for channel 1 with external thermal resistor.
www.ti.com
TPS92633
SLVSFE8 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS92633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com