Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92633MPWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92633MPWPR
Description  TPS92633 Three-Channel High-Side LED Driver with Thermal Sharing and Off-Board Binning
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92633MPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS92633MPWPR Datasheet HTML 17Page - Texas Instruments TPS92633MPWPR Datasheet HTML 18Page - Texas Instruments TPS92633MPWPR Datasheet HTML 19Page - Texas Instruments TPS92633MPWPR Datasheet HTML 20Page - Texas Instruments TPS92633MPWPR Datasheet HTML 21Page - Texas Instruments TPS92633MPWPR Datasheet HTML 22Page - Texas Instruments TPS92633MPWPR Datasheet HTML 23Page - Texas Instruments TPS92633MPWPR Datasheet HTML 24Page - Texas Instruments TPS92633MPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
IREF
SLS_REF
+
±
COMP
VCC
1:1
1/N
+
±
COMP
1/N
+
±
COMP
1/N
OUT1
OUT2
OUT3
SLS
SLS
SLS
R(IREF)
R(SLS_REF)
Figure 7-9. Single LED Short-Circuit Detection Block Diagram
(OUT)
(SLS _ REF)
(IREF)
(SLS _ REF)
(SLS _ th _ falling)
(IREF)
N
R
V
N
V
R
u
u
u
(6)
where
• V(IREF) = 1.235 V (typical)
• R(IREF) = 12.3 kΩ recommended
• R(SLS_REF) is in kΩ unit
• N(OUT) = 4 (typical)
• N(SLS_REF) = 1 (typical)
The calculated result for V(SLS_th_falling) is 5.34 V when R(IREF) is 12.3 kΩ and R(SLS_REF) is 13.3 kΩ.
Figure 7-10 illustrates the timing for single-LED short-circuit detection, protection, retry and recovery.
EN
PWMx
SUPPLY
IOUTx
VOUTx
FAULT
Single LED
Short
Single LED
Short
Removed
No external
pullup
tt11t
tt12t
tt9t
tt13t
tt9t
tt14t
Figure 7-10. Single LED Short-Circuit Detection and Recovery Timing Diagram
www.ti.com
TPS92633
SLVSFE8 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS92633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com