Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NM4-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-NM4-R
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NM4-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-NM4-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: R3-NM4
R3-NM4 SPECIFICATIONS
ES-8331 Rev.6 Page 1/8
http://www.m-system.co.jp/
Remote I/O R3 Series
MODBUS INTERFACE MODULE
(for 115.2 kbps)
109
(4.29)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: R3-NM4-[1][2]
ORDERING INFORMATION
• Code number: R3-NM4-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-NM4-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] POWER INPUT
N: No power supply
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)*
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) *
* Not selectable for use with independent power modules or
network modules with the internal power input options.
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8331)
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.25 W)
GENERAL SPECIFICATIONS
Connection
Modbus: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 7 mm)
Internal bus: Via the Installation Base
(model: R3-BSx)
Internal power: Via the Installation Base (model: R3-BSx)
Power input, RUN contact output: M3 separable screw
terminal (torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: Modbus to internal bus or internal power to power
input to RUN contact output to FG
Input error data: Input value setting at input module error
with side DIP SW
Main/Sub switching control in dual communication mode:
Selectable with the side DIP SW (refer to the manual)
Dual communication setting: Set with the side DIP switch
Data allocation setting: Set with the side DIP switch
RUN indicator: Bi-color (green/red) LED; Green ON in normal
communication; Red ON when receiving data (Function
selected with DIP SW)
ERR indicator: Bi-color (green/red) LED; green ON at data
receiving error (blinking with configuration error); Red ON at
EEPROM error; Red blinks when transmitting data (Function
selected with DIP SW)
■ RUN CONTACT OUTPUT
RUN contact: Turns ON while the green RUN LED is ON
(Modbus in normal communication).
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.


Similar Part No. - R3-NM4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1-K3 MSYSTEM-R3-NM1-K3 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1-K3/CE MSYSTEM-R3-NM1-K3/CE Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1-K3/Q MSYSTEM-R3-NM1-K3/Q Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1-L3 MSYSTEM-R3-NM1-L3 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
More results

Similar Description - R3-NM4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GM1 MSYSTEM-R3-GM1 Datasheet
204Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NMW1F MSYSTEM-R3-NMW1F Datasheet
570Kb / 12P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM3 MSYSTEM-R3-NM3 Datasheet
221Kb / 7P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NL2 MSYSTEM-R3-NL2 Datasheet
187Kb / 6P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1 MSYSTEM-R3-NL1 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com