Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NM4-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-NM4-R
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NM4-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-NM4-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NM4-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: R3-NM4
R3-NM4 SPECIFICATIONS
ES-8331 Rev.6 Page 2/8
http://www.m-system.co.jp/
MODBUS COMMUNICATION
RS-485
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable
(CPEV-S 0.9 dia.)
Supported function codes: 01, 02, 03, 04, 05, 06,
08, 11, 12, 15, 16, 17 (total of 12 types)
Transmission setting: DIP switch (front)
Data: RTU (Binary) or ASCII
Parity: None, even or odd
Baud rate: 300, 600, 1200, 2400, 4800, 9600, 14.4 k,
19.2 k, 28.8 k, 38.4 k, 57.6k, 115.2 k (bps)
Node address: Rotary switch; 01 – F7
INSTALLATION
Power consumption
•AC:
Approx. 20 VA at 100 V
Approx. 28 VA at 200 V
Approx. 30 VA at 240 V
•DC: Approx. 12 W
Current consumption (no power supply): 70 mA
Output current (power supply): 280 mA continuous at 20 V
DC; 430 mA for 10 minutes
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (Modbus to
internal bus or internal power to power input to RUN contact
output to FG)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com