Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NECT1/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-NECT1/Q
Description  Remote I/O R3 Series NETWORK INTERFACE MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NECT1/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-NECT1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-NECT1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-NECT1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-NECT1/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R3-NECT1
R3-NECT1 SPECIFICATIONS
ES-8274 Rev.0 Page 1/4
http://www.m-system.co.jp/
Remote I/O R3 Series
NETWORK INTERFACE MODULE
(EtherCAT)
EtherCAT® is a registered trademark and patented
technology, licensed by Beckhoff Automation GmbH,
Germany.
109
(4.29)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: R3-NECT1[1]
ORDERING INFORMATION
• Code number: R3-NECT1[1]
Specify a code from below for [1].
(e.g. R3-NECT1/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: R3CON)
• ESI file
The configurator software and ESI files are downloadable at
M-System’s web site.
Use a commercially available Mini-B USB cable to connect
the unit to a PC.
GENERAL SPECIFICATIONS
Connection
EtherCAT: RJ-45 Modular Jack
Internal bus: Via the Installation Base (model: R3-BSx)
Internal power: Via the Installation Base (model: R3-BSx)
RUN contact output: M3 separable screw terminal (torque
0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: EtherCAT to internal bus or internal power to RUN
contact output
Input error data setting: Input value setting at input module
error with side DIP SW
Dual communication setting: Set with the side DIP switch
Status indicators: RUN, ERR, L/A IN, L/A OUT
(Refer to the instruction manual.)
■ RUN CONTACT OUTPUT
RUN contact: Turns ON while the green RUN LED is ON (ON
in normal operation).
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
EtherCAT COMMUNICATION
Standard: IEEE 802.3u
Transmission type: 100BASE-TX
Transmission speed: Full-duplex 100 Mbps
Transmission media: 100BASE-TX (STP cable; Category 5e)
Maximum segment length: 100 meters
Fixed address: Set with rotary switches
(The master must support MDP.)
INSTALLATION
Current consumption: 100 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 170 g (0.37 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (EtherCAT to
internal bus or internal power to RUN contact output)
1500 V AC @ 1 minute (power input to FG; isolated on the
power supply module)


Similar Part No. - R3-NECT1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NE1 MSYSTEM-R3-NE1 Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R3-NE1-K3 MSYSTEM-R3-NE1-K3 Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R3-NE1-K3/CE MSYSTEM-R3-NE1-K3/CE Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R3-NE1-K3/Q MSYSTEM-R3-NE1-K3/Q Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R3-NE1-L3 MSYSTEM-R3-NE1-L3 Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
More results

Similar Description - R3-NECT1/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GM1 MSYSTEM-R3-GM1 Datasheet
204Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NMW1F MSYSTEM-R3-NMW1F Datasheet
570Kb / 12P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NL2 MSYSTEM-R3-NL2 Datasheet
187Kb / 6P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1 MSYSTEM-R3-NL1 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-NCIE1 MSYSTEM-R3-NCIE1 Datasheet
229Kb / 8P
Remote I/O R3 Series NETWORK INTERFACE MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com