Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NECT1/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-NECT1/Q
Description  Remote I/O R3 Series NETWORK INTERFACE MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NECT1/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-NECT1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-NECT1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-NECT1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-NECT1/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R3-NECT1
R3-NECT1 SPECIFICATIONS
ES-8274 Rev.0 Page 2/4
http://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
RUN Indicator LED
■ FRONT VIEW
■ SIDE VIEW
ERR Indicator LED
1
2
3
4
5
6
RJ-45 Modular Jack for
EtherCAT Communication
Fixed Address Setting
Rotary SW
×10
×1
Dev ID
CONFIG
L/A
L/A
USB Connector
for Configuration
SW3
ON
4
3
2
1
Function Setting
DIP SW
DUAL
COMMUNICATION
INPUT DATA
I/O DATA DESCRIPTIONS
The data allocations for typical I/O modules are shown below.
Refer to the manual for each module for detailed data allocations.
■ OPERATION IN CASE OF A COMMUNICATION ERROR WITH I/O MODULES
When the communication between the network module and the I/O modules is lost due to an error in an input module, the last
process values are held until the communication is re-established.
■ ANALOG DATA (16-bit data, models: R3-SV4, YV4, DS4, YS4, US4, etc.)
0
15
16-bit binary data.
Basically, 0 to 100% of the selected I/O range is converted into 0 to 10000 (binary).
-15 to 0 % is a negative range represented in 2’s complement.
In case of R3-US4, -10 to 0% is a negative range represented in 2's complement.
■ TEMPERATURE DATA (16-bit data, models: R3-RS4, TS4, US4, etc.)
0
15
16-bit binary data.
With °C temperature unit, raw data is multiplied by 10. For example, 25.5°C is converted into 255.
With °F temperature unit, the integer section of raw data is directly converted into the data.
For example, 135.4°F is converted into 135.
Minus temperature is converted into negative values, represented in 2’s complements.
■ ANALOG DATA (16-bit data, models: R3-CT4A, CT4B, etc.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com