Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NE1-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-NE1-R
Description  Remote I/O R3 Series ETHERNET INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NE1-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-NE1-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: R3-NE1
R3-NE1 SPECIFICATIONS
ES-8361 Rev.24 Page 4/8
https://www.m-system.co.jp/
■ Exception Codes
CODE
NAME
01
Illegal Function
X
Function code is not allowable for the slave
02
Illegal Data Address
X
Address is not available within the slave
03
Illegal Data Value
X
Data is not valid for the function
04
Slave Device Failure
05
Acknowledge
06
Slave Device Busy
07
Negative Acknowledge
08
Memory Parity Error
■ Diagnostic Subfunctions
CODE
NAME
00
Return Query Data
X
Loop back test
01
Restart Comm. Option
X
Reset the slave and clear all counters
02
Return Diagnostic Register
X
Contents of the diagnostic data (2 bytes)
03
Change ASCII Input Delimiter
X
Delimiter character of ASCII message
04
Force Listen Only Mode
X
Force the slave into Listen Only Mode
MODBUS I/O ASSIGNMENT
ADDRESS
DATA TYPE
DATA
Coil (0X)
1 – 1024
Digital Output (discrete output)
Inputs (1X)
1 – 1024
Digital Input (discrete input)
1025 – 1040
Module Status
1041 – 1056
Error Status
1057 – 1072
Data Error Status
Input Registers (3X)
1 – 256
I
Analog Input
257 – 768
F
Analog Input
Holding Registers (4X)
1 – 256
I
Analog Output
257 – 768
F
Analog Output
I: Integer, 0 – 10000 (0 – 100%)
F: Floating (32-bit data cannot be accessed using oating addresses.)
Note: DO NOT access addresses other than mentioned above. Such access may cause problems such as inadequate operation.
• Module Status indicates whether individual I/O modules are mounted or not. The bit corresponding to the mounted slot turns to
“1,” and the unmounted slot to “0.”
• Error Status indicates error status for each module as described below. The bit corresponding to such module turns to “1.”
R3-TSx, R3-RSx, R3-US4: Input burnout
R3-DA16A:
Power input in error or disconnected
R3-YSx:
Output current error (e.g. load unconnected)
R3-PC16A:
External power supply in error or disconnected
• Data Error Status indicates overrange (R3-US4: out of -10% to +110%; the other types: out of -15% to +115%) status for each
module. The bit corresponding to such module turns to “1.”



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com