Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NE1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-NE1-R
Description  Remote I/O R3 Series ETHERNET INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NE1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-NE1-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NE1-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: R3-NE1
R3-NE1 SPECIFICATIONS
ES-8361 Rev.24 Page 1/8
https://www.m-system.co.jp/
Remote I/O R3 Series
ETHERNET INTERFACE MODULE
(Modbus/TCP)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-NE1-[1][2]
ORDERING INFORMATION
• Code number: R3-NE1-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-NE1-R/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] POWER INPUT
N: No power supply
(Use with Ver.2.00 or higher versions of Power Supply Module
(model: R3-PSx) to conform with CE marking.)
AC Power
K3: 100 – 120 V AC
(Operational voltage range 85 - 132 V, 47 - 66 Hz) *
(CE not available)
L3: 200 – 240 V AC
(Operational voltage range 170 - 264 V, 47 - 66 Hz) *
(CE not available)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) *
* Not selectable for use with independent power modules or
network modules with the internal power input options.
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8361)
RELATED PRODUCTS
• PC configurator software (model: R3CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Ethernet: RJ-45 connector
Internal bus: Via the Installation Base (model: R3-BSx)
Internal power: Via the Installation Base (model: R3-BSx)
Power input, RUN contact output: M3 separable screw
terminal (torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: Ethernet to internal bus or internal power to power
supply to RUN contact output to FG
Input error data setting: Input value setting at input module
error with side DIP SW
Dual communication setting: Set with the side DIP switch
Data allocation setting: Set with the side DIP switch
RUN indicator: Bi-color (green/red) LED; Green ON in normal
communication; Red ON when receiving data (Function
selected with DIP SW)
ERR indicator: Bi-color (green/red) LED;
Green ON or blinking at communication error; Red ON at
transmitting data (Function selected with DIP SW)
■ RUN CONTACT OUTPUT
RUN contact: Turns ON while the green RUN LED is ON
(Ethernet in normal communication).
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.


Similar Part No. - R3-NE1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NECT1 MSYSTEM-R3-NECT1 Datasheet
155Kb / 4P
Remote I/O R3 Series NETWORK INTERFACE MODULE
R3-NECT1/CE MSYSTEM-R3-NECT1/CE Datasheet
155Kb / 4P
Remote I/O R3 Series NETWORK INTERFACE MODULE
R3-NECT1/Q MSYSTEM-R3-NECT1/Q Datasheet
155Kb / 4P
Remote I/O R3 Series NETWORK INTERFACE MODULE
R3-NEIP1 MSYSTEM-R3-NEIP1 Datasheet
178Kb / 6P
Remote I/O R3 Series EtherNet/IP INTERFACE MODULE
R3-NEIP1/CE MSYSTEM-R3-NEIP1/CE Datasheet
178Kb / 6P
Remote I/O R3 Series EtherNet/IP INTERFACE MODULE
More results

Similar Description - R3-NE1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GM1 MSYSTEM-R3-GM1 Datasheet
204Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NMW1F MSYSTEM-R3-NMW1F Datasheet
570Kb / 12P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NL2 MSYSTEM-R3-NL2 Datasheet
187Kb / 6P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1 MSYSTEM-R3-NL1 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NEIP1 MSYSTEM-R3-NEIP1 Datasheet
178Kb / 6P
Remote I/O R3 Series EtherNet/IP INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com