Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GGLMP/CE Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # R3-GGLMP/CE
Description  Remote I/O R3 Series INTERFACE I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GGLMP/CE Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button R3-GGLMP/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 6Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 7Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 8Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 9Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MODEL: R3-GSLMP1
R3-GSLMP1 SPECIFICATIONS
ES-8275 Rev.2 Page 8/10
https://www.m-system.co.jp/
· DEVICE CONFIGURATION EXAMPLE 3
Device setting
I/O TYPE
CH. NO.
SLMP DEVICE
DEVICE ADDRESS
AI
20
D
0x000
DI
20
X
0x000
DI
20
M
0x000
· Virtual I/O modules configuration
1
2
Virtual AI
module 1
Virtual AI
module 2
Virtual DI
module 3
Virtual DI
module 2
Virtual DI
module 1
5
4
3
Slot No.
16
16
1
1
1
Data Allocation
· Data configuration
Ch ADDRESS
VIRTUAL AI
MODULE 1
(Slot 1)
ADDRESS
VIRTUAL AI
MODULE 2
(Slot 2)
ADDRESS
VIRTUAL DI
MODULE 1
(Slot 3)
ADDRESS
VIRTUAL DI
MODULE 2
(Slot 4)
ADDRESS
VIRTUAL DI
MODULE 3
(Slot 5)
1
n+0
D 000
n+16
D 016
n+32
X0 – 15
n+33
X16 – 19, M0 – 11
n+34
M12 – 19
2
n+1
D 001
n+17
D 017
3
n+2
D 002
n+18
D 018
4
n+3
D 003
n+19
D 019
5
n+4
D 004
n+20
–
6
n+5
D 005
n+21
–
7
n+6
D 006
n+22
–
8
n+7
D 007
n+23
–
9
n+8
D 008
n+24
–
10
n+9
D 009
n+25
–
11
n+10
D 010
n+26
–
12
n+11
D 011
n+27
–
13
n+12
D 012
n+28
–
14
n+13
D 013
n+29
–
15
n+14
D 014
n+30
–
16
n+15
D 015
n+31
–
ADDRESS
F
E
D
C
B
A
9
8
7
6
5
4
3
2
1
0
Virtual DI module 1
n+32
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
X0
Virtual DI module 2
n+33
M11
M10
M9
M8
M7
M6
M5
M4
M3
M2
M1
M0
X19
X18
X17
X16
Virtual DI module 3
n+34
−
−
−
−
−
−
−
−
M19
M18
M17
M16
M15
M14
M13
M12
In this example, total numbers of AI channles are 20, total numbers of DI channles are 40 and uses total 5 virtual modules (2 virtual AI
modules and 3 virtual DI modules). Real I/O modules are mounted on Slots No. 1 and 2, however, the network module
(R3-NC3) recognizes that each of Slots No. 1 to 6 is occupied. That is, R3-NC3 recognizes R3-SV4 mounted on Slot No.1 as it is and
recognizes R3-GSLMP1 mounted on Slot No.2 as divided into 5 modules and occupying Slots No. 2 and 6.
1
2
3
4
5
6
R3
-
SV4
R3-BS06
R3
-
GSLMP1
R3
-
NC3
R3
-
PS1
8
7
SLOT
REAL MODULE
VIRTUAL MODULE DATA ALLOCATION NO. OF WORDS
Slot No. 1
R3-SV4
−
4
4 words
Slot No. 2
R3-GSLMP1
R3-GSLMP1 (1/5)
16
16 words
Slot No. 3
No module
R3-GSLMP1 (2/5)
16
16 words
Slot No. 4
No module
R3-GSLMP1 (3/5)
1
1 words
Slot No. 5
No module
R3-GSLMP1 (4/5)
1
1 words
Slot No. 6
No module
R3-GSLMP1 (5/5)
1
1 words
Slot No. 7
R3-NC3
−
−
Slot No. 8
R3-PS1
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com