Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-GGLMP/CE Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # R3-GGLMP/CE
Description  Remote I/O R3 Series INTERFACE I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GGLMP/CE Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button R3-GGLMP/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 6Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 7Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 8Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 9Page - M-System Co.,Ltd. R3-GGLMP/CE Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MODEL: R3-GSLMP1
R3-GSLMP1 SPECIFICATIONS
ES-8275 Rev.2 Page 9/10
https://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
0
15
16-bit binary data
0
15
Input 1 (Output 1)
Input 2 (Output 2)
Input 3 (Output 3)
:
:
Input 16 (Output 16)
0 : OFF
1 : ON
■ VIRTUAL ANALOG I/O DATA
■ VIRTUAL DIGITAL I/O DATA
■ ANALOG/DIGITAL INPUT DATA
· When the R3-GSLMP1 cannot communicate with SLMP server at the start up, AI or DI
data turn to 0.
· When the communication between the R3-GSLMP1 and the SLMP server is lost due to an
error, the last process values are held until the communication is re-established.
■ ANALOG/DIGITAL OUTPUT DATA
· When the R3-GSLMP1 does not starting communication with SLMP server at the start up,
write AI or DI data of 0 to the SLMP server.
· When the communication between the R3 Interface module and the host PLC is lost, the
last process values are write in the SLMP server. The values are held until the communi
cation is re-established.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
2
3
4
5
6
27.5 [1.08]
109 [4.29]
POSITIONING
GUIDE
TERMINAL
COVER
6–M3
SCREW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com