Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB217AI Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB217AI
Description  TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB217AI Datasheet(HTML) 3 Page - Texas Instruments

  TUSB217AI Datasheet HTML 1Page - Texas Instruments TUSB217AI Datasheet HTML 2Page - Texas Instruments TUSB217AI Datasheet HTML 3Page - Texas Instruments TUSB217AI Datasheet HTML 4Page - Texas Instruments TUSB217AI Datasheet HTML 5Page - Texas Instruments TUSB217AI Datasheet HTML 6Page - Texas Instruments TUSB217AI Datasheet HTML 7Page - Texas Instruments TUSB217AI Datasheet HTML 8Page - Texas Instruments TUSB217AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
5 Device Comparison
TUSB211
TUSB212
TUSB214
TUSB216I
TUSB217A
Supply (V)
3.3
3.3
3.3
2.3 to 6.5
2.3 to 6.5
DC Boost
3 levels
3 levels
Tandem with AC
Boost
Tandem with AC
Boost
RX pre-equalization
for ISI compensation
3 levels
3 levels
Charging
Downstream Port
(CDP) controller
Always ON
Pin Controlled
Always ON.
Dynamically selected
by DCP/CDP pin
Dedicated Charging
Port (DCP) controller
Always ON.
Dynamically selected
by DCP/CDP pin
Cable length
compensation for
near-end high-speed
eye mask Compliance
(pre-channel before
redriver/post-channel
after redriver) (meter -
gauge)
2/1 - 28AWG
4/2 - 28AWG
4/2 - 28AWG
6/3 - 28AWG (10
- 24AWG with one
redriver on each end)
6/3 - 28AWG (10
- 24AWG with one
redriver on each end)
Cable length
compensation for far-
end high-speed eye
mask Compliance
(pre-channel before
redriver/post-channel
after redriver) (meter -
gauge)
5/3 - 28AWG
8/6 - 28AWG
8/6 - 28AWG
10/8 - 26AWG (10
- 28AWG with one
redriver on each end)
10/8 - 26AWG (10
- 28AWG with one
redriver on each end)
www.ti.com
TUSB217A
SLLSFK5 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB217A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com