Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB217AI Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB217AI
Description  TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB217AI Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB217AI Datasheet HTML 3Page - Texas Instruments TUSB217AI Datasheet HTML 4Page - Texas Instruments TUSB217AI Datasheet HTML 5Page - Texas Instruments TUSB217AI Datasheet HTML 6Page - Texas Instruments TUSB217AI Datasheet HTML 7Page - Texas Instruments TUSB217AI Datasheet HTML 8Page - Texas Instruments TUSB217AI Datasheet HTML 9Page - Texas Instruments TUSB217AI Datasheet HTML 10Page - Texas Instruments TUSB217AI Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7.5 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
POWER
IACTIVE_HS
High Speed Active Current
USB channel = HS mode. 480 Mbps
traffic. VCC supply stable, with Boost =
Max
22
36
mA
IIDLE_HS
High Speed Idle Current
USB channel = HS mode, no traffic.
VCC supply stable, Boost = Max
22
36
mA
IHS_SUPSPEND
High Speed Suspend Current
USB channel = HS Suspend mode.
VCC supply stable
0.75
1.4
mA
IFS
Full-Speed Current
USB channel = FS mode, 12 Mbps traffic,
Vcc supply stable
0.75
1.4
mA
IDISCONN
Disconnect Power
Host side application. No device
attachment.
0.80
1.4
mA
ISHUTDN
Shutdown Power
RSTN driven low, VCC supply stable
60
115
µA
CONTROL PIN LEAKAGE
ILKG_FS
Pin failsafe leakage current for
SDA, RSTN
VCC = 0 V, pin at VIH, max
10
15
µA
ILKG_FS
Pin failsafe leakage current for
RX_SEN
VCC = 0 V, pin at VIH, max
6
15
µA
ILKG_FS
Pin failsafe leakage current for
SCL
VCC = 0 V, pin at VIH, max
70
nA
INPUT RSTN
VIH
High level input voltage
1.5
3.6
V
VIL
Low-level input voltage
0
0.5
V
IIH
High level input current
VIH = 3.6 V, RPU enabled
±15
µA
IIL
Low level input current
VIL = 0V, RPU enabled
±20
µA
INPUT DIGITAL
VIH
High level input voltage (DCP/
CDP)
1.5
3.6
V
VIL
Low-level input voltage (DCP/
CDP)
0
0.5
V
IIL
Low level input current
VIL = 0V
±20
µA
IIH
High level input current
VIH = 3.6 V
±15
µA
INPUT RX_SEN (3-level input, for mid level leave pin floating)
VIH(Max)
Maximum High level input
voltage
VCC = 2.3V to 6.5V
5.0
V
VIH(Min)
Minimum High level input voltage VCC > 4.5V
3.3
V
VCC = 2.3V to 4.5V (% of VCC)
75
%
VIL
Low level input voltage
VCC > 4.5V
0.75
V
VCC = 2.3V to 4.5V (% of VCC)
15
%
INPUT BOOST
RBOOST_LVL0
External pulldown resistor for
BOOST Level 0
160
Ω
RBOOST_LVL1
External pulldown resistor for
BOOST Level 1
1.5
1.8
2
kΩ
RBOOST_LVL2
External pulldown resistor for
BOOST Level 2
3.4
3.6
3.96
kΩ
RBOOST_LVL3
External pulldown resistor for
BOOST Level 3 to remove upper
limit for resistor value, can be left
open
7.5
kΩ
OUTPUTS CD, ENA_HS
VOH
High level output voltage for CD
and ENA_HS
IO = –50 µA, VCC >= 3.0V
2.5
V
VOH
High level output voltage for CD
IO = –25 µA, VCC = 2.3V
1.7
V
www.ti.com
TUSB217A
SLLSFK5 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB217A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com