Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMH4803DFM Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMH4803DFM
Description  Distributed Power Hot-Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803DFM Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMH4803DFM Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© SUMMIT MICROELECTRONICS, Inc. 2000 • 300 Orchard City Drive, Suite 131 • Campbell, CA 95008 • Telephone 408-378-6461 • Fax 408-378-6586 • www.summitmicro.com
1
Characteristics subject to change without notice
2041 8.4 6/15/00
SMH4803
FEATURES
•
Supply Range ±20VDC to >±500VDC
•
Versatile Card Insertion Detection Supports
Both
– Multi-length Pin Systems
– Card Injector Switch Sensing
•
Control Up to Four Loads or a Primary Load and
3 DC/DC Converters
•
Highly
Programmable Host Voltage Monitoring
–
Programmable Under- and Over-voltage
Detection
•
Programmable Power Good Delays for
Sequencing DC/DC Converters
Distributed Power Hot-Swap Controller
•
Programmable Circuit Breaker Function
–
Programmable Over-current Filter
–
Programmable Quick-Trip™ Circuit Breaker
Values
–
Programmable Circuit Breaker Mode
•
Duty-Cycle Mode
•
Latched Mode
•
2.5V and 5.0V reference outputs
– Easy Expansion of External
Monitor Functions
FUNCTIONAL BLOCK DIAGRAM
ASSOCIATE
MEMBER
P
ro
gra mma
ble
Qui
ck-Trip
C ircu
it B
rea
ker
Featuring
+
-
+
-
+
-
12V
5V
2.5V
Programmable
Delay
Programmable
Delay
+
-
CBFault#
2041 BD 8.0
Vgate
2.5V ref
5.0V ref
PG1#
PG2#
ENPGB
ENPGA
PG3#
CBSense
Programmable
Delay
VSS
CBMode
CBReset#
EN/TS
PD1#
PD2#
UV
OV
Drain
Sense
VDD
Fault
Latch
&
Duty
Cycle
Timer
+
-
50
mV
Programmable
Quick-Trip
Ref Voltage
Filter
12V ref
12V
current limit
Vgate
Sense
50k
Ω
50k
Ω
50k
Ω


Similar Part No. - SMH4803DFM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
Distributed Power Hot Swap Controller
SMH4803AS SUMMIT-SMH4803AS Datasheet
430Kb / 19P
Distributed Power Hot Swap Controller
More results

Similar Description - SMH4803DFM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
DISTRIBUTED POWER HOT SWAP CONTROLLER
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
Distributed Power Hot-Swap Controller for CompactPCI
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
Distributed Power Hot-Swap Controller
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com