Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMH4803DFM Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMH4803DFM
Description  Distributed Power Hot-Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803DFM Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMH4803DFM Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4803DFM Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
SMH4803
2041 8.4 6/15/00
SUMMIT MICROELECTRONICS
AC Timing Characteristics, -40oC to +85oC
Symbol
Description
Min.
Typ.
Max
Unit
tPDD
Pin Detect Delay to Vgate enable
80
ms
tCBD
50mv Circuit Breaker Delay (Filter)
K
400
µs
L
150
µs
M50
µs
N5
µs
PGD
Power Good Delay (PG1/PG2, PG2/PG3)
A5
ms
B20
ms
C80
ms
D
180
ms
tFSTSHTDN
Fast Shut Down Delay From Fault to
200
ns
Vgate Off
tCYC
Circuit Breaker Cycle Mode Cycle Time
2.5
Sec.
tVGD
Delay from Release of Reset to Vgate on
100
ns
tCBRST
CBReset# Pulse Width
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com