Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC860 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC860
Description  Ultra-Low Power Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC860 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC860 Datasheet HTML 9Page - Microchip Technology MIC860 Datasheet HTML 10Page - Microchip Technology MIC860 Datasheet HTML 11Page - Microchip Technology MIC860 Datasheet HTML 12Page - Microchip Technology MIC860 Datasheet HTML 13Page - Microchip Technology MIC860 Datasheet HTML 14Page - Microchip Technology MIC860 Datasheet HTML 15Page - Microchip Technology MIC860 Datasheet HTML 16Page - Microchip Technology MIC860 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006338A-page 13
MIC860
4.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 4-1.
TABLE 4-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
1
IN+
Non-inverting input.
2
V–
Negative power supply connection. Connect a 10 μF and 0.1 μF capacitor in
parallel to this pin for power supply bypassing.
3
IN–
Inverting input.
4
OUT
Output of operational amplifier.
5
V+
Positive power supply input. Connect a 10 μF and 0.1 μF capacitor in parallel to
this pin for power supply bypassing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com