Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC860 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC860
Description  Ultra-Low Power Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC860 Datasheet(HTML) 1 Page - Microchip Technology

  MIC860 Datasheet HTML 1Page - Microchip Technology MIC860 Datasheet HTML 2Page - Microchip Technology MIC860 Datasheet HTML 3Page - Microchip Technology MIC860 Datasheet HTML 4Page - Microchip Technology MIC860 Datasheet HTML 5Page - Microchip Technology MIC860 Datasheet HTML 6Page - Microchip Technology MIC860 Datasheet HTML 7Page - Microchip Technology MIC860 Datasheet HTML 8Page - Microchip Technology MIC860 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006338A-page 1
MIC860
Features
• 5-Lead SC70 Packaging
•4 MHz Gain-Bandwidth Product
•30 μA Supply Current
• Rail-to-Rail Output
• Ground Sensing at Input Common Mode to GND
• Common Mode to GND
• Drives Large Capacitive Loads
Applications
• Portable Equipment
• Sensor Conditioning
• Analog Filters
• Mobile Phones
• Consumer Electronics
General Description
The MIC860 is a rail-to-rail output, operational amplifier
in the SC70 package. The MIC860 provides 4 MHz
gain-bandwidth product while consuming an incredibly
low 30 μA supply current.
The SC70 packaging achieves significant board space
savings over devices packaged in SOT-23 or MSOP-8
packaging.
The SC70 occupies approximately half the board area
of an SOT-23 package.
Package Type
1
2
3
IN+
V-
IN-
45
A32
OUT
V+
PART
IDENTIFICATION
MIC860
5-Lead SC70 (C5)
(Top View)
1
2
3
IN+
V-
IN-
45
OUT
V+
Functional Pinout
Ultra-Low Power Op Amp


Similar Part No. - MIC860

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
Teeny??Ultra Low Power Op Amp
MIC860 MICREL-MIC860 Datasheet
1Mb / 13P
Teeny??Ultra-Low Power Op Amp
MIC860BC5 MICREL-MIC860BC5 Datasheet
1Mb / 12P
Teeny??Ultra Low Power Op Amp
MIC860BC5 MICREL-MIC860BC5 Datasheet
1Mb / 12P
Teeny Ultra Low Power Op Amp
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
Teeny Ultra Low Power Op Amp
More results

Similar Description - MIC860

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
Teeny Ultra Low Power Op Amp
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
Teeny Ultra Low Power Op Amp Final Information
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
Ultra Low Power 1.8V, 600kHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
Dual Ultra Low Power 1.8V, 600kHz Op Amp
logo
Micrel Semiconductor
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
Teeny??Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
Teeny Ultra Low Power Op Amp
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
Teeny Ultra Low Power Op Amp
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
Ultra Low Power 1.8V, 400KHz Op Amp
logo
Micrel Semiconductor
MIC861 MICREL-MIC861_14 Datasheet
1Mb / 11P
Teeny??Ultra-Low-Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
Teeny??Ultra-Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com