Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8799 Datasheet(PDF) 7 Page - Exar Corporation

Part # MP8799
Description  CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8799 Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP8799 Datasheet HTML 3Page - Exar Corporation MP8799 Datasheet HTML 4Page - Exar Corporation MP8799 Datasheet HTML 5Page - Exar Corporation MP8799 Datasheet HTML 6Page - Exar Corporation MP8799 Datasheet HTML 7Page - Exar Corporation MP8799 Datasheet HTML 8Page - Exar Corporation MP8799 Datasheet HTML 9Page - Exar Corporation MP8799 Datasheet HTML 10Page - Exar Corporation MP8799 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP8799
7
Rev. 3.00
Accuracy of Conversion: DNL and INL
The transfer function for an ideal A/D converter is shown in
Figure 4.
Figure 4. Ideal A/D Transfer Function
3FF
3FE
3FD
VREF(–)
VREF(+)
DIGITAL
CODES
000
002
LSB
OFW = 0
V
0.5
∗ LSB
0.5
∗ LSB
001
OFW = 1
1 LSB
V001
V002
V3FE
V3FF
V0FW
The overflow transition (VOFW) takes place at:
VIN = VOFW = VREF(+) – 0.5 ∗ LSB
The first and the last transitions for the data bits take place at:
VIN = V001 = VREF(–) + 0.5 ∗ LSB
VIN = V3FF = VREF(–) – 1.5 ∗ LSB
LSB = VREF / 1024 = (V3FF – V001) / 1022
Note that the overflow transition is a flag and has no impact on
the data bits.
In a “real” converter the code-to-code transitions don’t fall
exactly every VREF/1024 volts.
A positive DNL (Differential Non-Linearity) error means that
the real width of a particular code is larger than 1 LSB. This error
is measured in fractions of LSBs.
A Max DNL specification guarantees that ALL code widths
(DNL errors) are within the stated value. A specification of Max
DNL = + 0.5 LSB means that all code widths are within 0.5 and
1.5 LSB. If VREF = 4.608 V then 1 LSB = 4.5 mV and every code
width is within 2.25 and 6.75 mV.
N + 1
N
N – 1
Output
Codes
Analog
Input
(N+1) Code Width = V(N+1) – V(N)
LSB = [ VREF(+) – VREF(–) ] / 1024
DNL(N) = [ V(N+1) – V(N) ] – LSB
Figure 5. DNL Measurement
On Production Tester
LSB
DNL
V(N+1)
V(N)
The formulas for Differential Non-linearity (DNL), Integral
Non-Linearity (INL) and zero and full scale errors (EZS, EFS) are:
DNL (001) = V002 – V001 – LSB
:::
DNL (3FE) = V3FF – V3FE – LSB
EFS (full scale error) = V3FF – [VREF(+) –1.5 ∗ LSB]
EZS (zero scale error) = V001 – [VREF(–) + 0.5 ∗ LSB]
Figure 6. Real A/D Transfer Curve
DIGITAL
CODES
0.5
∗ LSB
000
001
002
3FE
3FF
V
1.5
∗ LSB
V001
V002
V3FE
V3FF
VREF(–)
VREF(+)
EZS
EFS
Figure 6. shows the zero scale and full scale error terms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com