Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8799 Datasheet (PDF) - Exar Corporation

MP8799 Datasheet PDF - Exar Corporation
Part # MP8799
Download  MP8799 Download
File Size   159.92 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux

MP8799 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8799 Datasheet PDF - Exar Corporation

Part # MP8799
Download  MP8799 Click to download

File Size   159.92 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux

MP8799 Datasheet (HTML) - Exar Corporation


MP8799 Product details

GENERAL DESCRIPTION
The MP8799 is a flexible, easy to use, precision 10-bit Analog-to-Digital Converter with 8-channel mux that operates over a wide range of input and sampling conditions. The MP8799 can operate with pulsed “on demand” conversion operation or continuous “pipeline” operation for sampling rates up to 1 MHz. The elimination of the S/H requirements, very low power, and small package size offer the designer a low cost solution.

FEATURES
• 10-Bit Resolution
• 8-Channel Mux
• Sampling Rates from <1 kHz to 1 MHz
• Very Low Power CMOS - 30 mW (typ)
• Power Down; Lower Consumption – 3 mW (typ)
• Input Range between GND and VDD
• No S/H Required for Analog Signals less than 100 kHz
• No S/H Required for CCD Signals less than 1 MHz
• Single Power Supply (4 to 6 Volts)
• Latch-Up Free
• High ESD Protection: 4000 Volts Minimum
• 3 V Version: MP87L99

BENEFITS
• Reduced Board Space (Small Package)
• Reduced External Parts, No Sample/Hold Needed
• Suitable for Battery & Power Critical Applications
• Designer can Adapt Input Range & Scaling

APPLICATIONS
• µP/DSP Interface and Control Applications
• High Resolution Imaging – Scanners & Copiers
• Wireless Digital Communications
• Multiplexed Data Acquisition




Similar Part No. - MP8799

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8792GLE MPSIND-MP8792GLE Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
MP8794GLE MPSIND-MP8794GLE Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - MP8799

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5535 TI-TLV5535 Datasheet
535Kb / 32P
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
MP8798 EXAR-MP8798 Datasheet
219Kb / 20P
CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
MP8820 EXAR-MP8820 Datasheet
139Kb / 12P
8-Bit Analog-to-Digital Converter with an 8-Channel MUX
XRD87L99 EXAR-XRD87L99 Datasheet
431Kb / 23P
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
XRD8799 EXAR-XRD8799 Datasheet
401Kb / 23P
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
logo
Texas Instruments
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
TLV5535-Q1 TI1-TLV5535-Q1 Datasheet
667Kb / 36P
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPWR TI-TLV5535IPWR Datasheet
700Kb / 35P
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535 TI1-TLV5535_14 Datasheet
721Kb / 36P
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com