Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2127A Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC2127A
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2127A Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC2127A Datasheet HTML 18Page - Microchip Technology MIC2127A Datasheet HTML 19Page - Microchip Technology MIC2127A Datasheet HTML 20Page - Microchip Technology MIC2127A Datasheet HTML 21Page - Microchip Technology MIC2127A Datasheet HTML 22Page - Microchip Technology MIC2127A Datasheet HTML 23Page - Microchip Technology MIC2127A Datasheet HTML 24Page - Microchip Technology MIC2127A Datasheet HTML 25Page - Microchip Technology MIC2127A Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
MIC2127A
DS20005676B-page 22
 2016 Microchip Technology Inc.
5.0
APPLICATIONS INFORMATION
5.1
Setting the Switching Frequency
The MIC2127A is an adjustable-frequency, synchro-
nous buck controller, featuring a unique adaptive
on-time control architecture. The switching frequency
can be adjusted between 270 kHz-800 kHz by chang-
ing the resistor divider network between VIN and AGND
pins consisting of R1 and R2, as shown in Figure 5-1.
FIGURE 5-1:
Switching Frequency
Adjustment.
Equation 5-1 shows the estimated switching frequency.
EQUATION 5-1:
fO is the switching frequency when R1 is 100 k and R2
being open; fO is typically 800 kHz. For more precise
setting, it is recommended to use Figure 5-2.
FIGURE 5-2:
Switching Frequency vs. R2.
5.2
Output Voltage Setting
The output voltage can be adjusted using a resistor
divider from output to AGND whose mid-point is
connected to the FB pin, as shown the Figure 5-3.
FIGURE 5-3:
Output Voltage Adjustment.
The
output
voltage
can be calculated using
Equation 5-2.
EQUATION 5-2:
The maximum output voltage that can be programmed
using the MIC2127A is limited to 30V, if not limited by
the maximum duty cycle (see Equation 4-2).
A typical value of R1 is less than 30 k. If R1 is too
large, it may allow noise to be introduced into the
voltage feedback loop. It also increases the offset
between the set output voltage and actual output
voltage because of the error amplifier bias current. If R1
is too small in value, it will decrease the efficiency of the
power supply, especially at light loads. Once R1 is
selected, R2 can be calculated using Equation 5-3.
EQUATION 5-3:
VIN
FREQ
AGND
MIC2127A
VIN
R1
R2
4.5V to 75V
11
16
14
f
SW _ADJ
f
O
R
2
R
1
R
2
+
-------------------
=
200
300
400
500
600
700
800
50
500
5000
R
2 (k
)
V
IN = 48V
V
IN = 75V
V
IN = 24V
V
OUT = 5V
R
1 = 100 k
I
OUT = 5A
MIC2127A
SOFT-
START
gm
13
FB
0.6V
VREF
Comparator
R1
R2
COMPENSATION
VOUT
V
OUT
V
RE F
1
R
1
R
2
------
+


=
Where:
VREF
=0.6V
R
2
R
1
V
OUT
V
REF
-------------
1
–
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com