Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2127A Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2127A
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2127A Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2127A Datasheet HTML 9Page - Microchip Technology MIC2127A Datasheet HTML 10Page - Microchip Technology MIC2127A Datasheet HTML 11Page - Microchip Technology MIC2127A Datasheet HTML 12Page - Microchip Technology MIC2127A Datasheet HTML 13Page - Microchip Technology MIC2127A Datasheet HTML 14Page - Microchip Technology MIC2127A Datasheet HTML 15Page - Microchip Technology MIC2127A Datasheet HTML 16Page - Microchip Technology MIC2127A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005676B-page 13
MIC2127A
Note:
Unless otherwise indicated, VVIN =12V, fSW =300 kHz, RILIM =1.3 k, L = 10 µH, VEXTVDD =VOUT, TA =+25°C
(refer to the Typical Application circuit).
FIGURE 2-43:
VDD UVLO Threshold-
Rising.
FIGURE 2-44:
VDD UVLO Threshold-
Falling.
FIGURE 2-45:
Enable into Output Short.
FIGURE 2-46:
Power-Up into Output Short.
FIGURE 2-47:
Output Current Limit
Threshold.
FIGURE 2-48:
Output Short Circuit.
VSW
5V/div
VOUT
2V/div
VVIN = Rising
VOUT =5V
IOUT =0A
4ms/div
VVDD
1V/div
VSW
5V/div
VOUT
2V/div
VVIN = Falling
VOUT =5V
IOUT =0A
100 ms/div
VVDD
1V/div
IL
5A/div
VOUT
500 mV/div
VVIN =48V
VOUT =5V
Load =Short
RILIM =1.3 k
4ms/div
VEN
2V/div
IL
5A/div
VOUT
500 mV/div
VVIN = 0V to 48V
VOUT =5V
Load = Short
RILIM =1.3 k
10 ms/div
VVIN
20V/div
IOUT
5A/div
VVIN =48V
VOUT =5V
RILIM =1.3 k
2ms/div
VOUT
2V/div
IL
5A/div
VVIN =48V
VOUT =5V
Load = Short
RILIM =1.3 k
2ms/div
VOUT
2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com