Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8799AE Datasheet(PDF) 1 Page - Exar Corporation

Part # MP8799AE
Description  CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8799AE Datasheet(HTML) 1 Page - Exar Corporation

  MP8799AE Datasheet HTML 1Page - Exar Corporation MP8799AE Datasheet HTML 2Page - Exar Corporation MP8799AE Datasheet HTML 3Page - Exar Corporation MP8799AE Datasheet HTML 4Page - Exar Corporation MP8799AE Datasheet HTML 5Page - Exar Corporation MP8799AE Datasheet HTML 6Page - Exar Corporation MP8799AE Datasheet HTML 7Page - Exar Corporation MP8799AE Datasheet HTML 8Page - Exar Corporation MP8799AE Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP8799
1
Rev. 3.00
FEATURES
• 10-Bit Resolution
• 8-Channel Mux
• Sampling Rates from <1 kHz to 1 MHz
• Very Low Power CMOS - 30 mW (typ)
• Power Down; Lower Consumption – 3 mW (typ)
• Input Range between GND and V
DD
• No S/H Required for Analog Signals less than 100 kHz
• No S/H Required for CCD Signals less than 1 MHz
• Single Power Supply (4 to 6 Volts)
• Latch-Up Free
• High ESD Protection: 4000 Volts Minimum
• 3 V Version: MP87L99
CMOS
Very Low Power, 1 MSPS, 10-Bit
Analog-to-Digital Converter with 8-Channel Mux
BENEFITS
• Reduced Board Space (Small Package)
• Reduced External Parts, No Sample/Hold Needed
• Suitable for Battery & Power Critical Applications
• Designer can Adapt Input Range & Scaling
APPLICATIONS
• µP/DSP Interface and Control Applications
• High Resolution Imaging – Scanners & Copiers
• Wireless Digital Communications
• Multiplexed Data Acquisition
GENERAL DESCRIPTION
The MP8799 is a flexible, easy to use, precision 10-bit
Analog-to-Digital Converter with 8-channel mux that operates
over a wide range of input and sampling conditions.
The
MP8799 can operate with pulsed “on demand” conversion
operation or continuous “pipeline” operation for sampling rates
up to 1 MHz. The elimination of the S/H requirements, very low
power, and small package size offer the designer a low cost
solution. No sample and hold is required for charge couple
device applications up to 1 MHz, or multiplexed input
applications when the signal source bandwidth is limited to 100
kHz.
The input
architecture of the MP8799 allows direct
interface to any analog input range between AGND and AVDD (0
to 2 V, 1 to 4 V, 0 to 5 V, etc.). The user simply sets VREF(+) and
VREF(–) to encompass the desired input range.
Scaled reference resistor tap @ 1/4 R, 1/2 R and 3/4 R allows
for customizing the transfer curve as well as providing a 1/2 span
reference voltage.
Digital outputs are CMOS and TTL
compatible.
The MP8799 uses a two-step flash technique.
The first
segment converts the 4 MSBs and consists of 15 autobalanced
comparators, latches, an encoder, and buffer storage registers.
The second segment converts the remaining 6 LSBs.
When the power down input is “high”, the data outputs DB9 to
DB0 hold the current values and VREF(–) is disconnected from
VREF1(–). The power consumption during the power down mode
is approximately 3mW.
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
DNL
(LSB)
INL
(LSB)
PQFP
–40 to +85
°C
MP8799AE
1
2


Similar Part No. - MP8799AE

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8792GLE MPSIND-MP8792GLE Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
MP8794GLE MPSIND-MP8794GLE Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - MP8799AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5535 TI-TLV5535 Datasheet
535Kb / 32P
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
MP8798 EXAR-MP8798 Datasheet
219Kb / 20P
CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
MP8820 EXAR-MP8820 Datasheet
139Kb / 12P
8-Bit Analog-to-Digital Converter with an 8-Channel MUX
XRD87L99 EXAR-XRD87L99 Datasheet
431Kb / 23P
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
XRD8799 EXAR-XRD8799 Datasheet
401Kb / 23P
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
logo
Texas Instruments
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
TLV5535-Q1 TI1-TLV5535-Q1 Datasheet
667Kb / 36P
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPWR TI-TLV5535IPWR Datasheet
700Kb / 35P
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535 TI1-TLV5535_14 Datasheet
721Kb / 36P
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com