Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBP120-R100-2EP-IO-L Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBP120-R100-2EP-IO-L
Description  Laser trigger marks sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBP120-R100-2EP-IO-L Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBP120-R100-2EP-IO-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-L Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Laser trigger marks sensor
OBP120-R100-2EP-IO-L
3
Teach-In Using the Rotary Switch
The settings for the following teach-ins can be adjusted directly on the device:
•Two-value teach-in
• Dynamic teach-in
Use the rotary switch to select the required teach-in mode.
a)
Two-Value Teach-In
Align the light beam of the sensor to the background at the required operating distance.
Teaching in a Background:
Turn the rotary switch to the "B" (Background) position.
Press the "TI" button until the yellow and green LEDs flash in phase (approx. 1 s).
Release the "TI" button. Teach-in starts.
=> Yellow and green LEDs flash antiphase.
Wait until the green LED lights up permanently and the yellow LED flashes quickly.
The sensor is now ready for the 2nd teach-in value (mark) to be taught in.
Teaching in a Mark:
Turn the rotary switch to the "M" (Mark) position.
Position the mark in front of the light beam of the sensor at the required operating distance.
Press the "TI" button until the yellow and green LEDs flash in phase (approx. 1 s).
Release the "TI" button. Teach-in starts.
Wait until the green LED lights up permanently.
The teach-in process is now complete.
Alternatively, you can teach in the mark before the background.
Note: To exit two-value teach-in mode, a teach-in must always be performed in both the "B" and "M" rotary switch positions.
Teaching in a Mark Without a Background:
You can teach in an object as the background ("B") and as the mark ("M") if it is located at the required operating distance.
Proceed as described for the two-value teach-in process.
The sensor detects the object as a mark. => Sensor switches on.
A lighter object color is detected as the background. => Sensor switches off.
b)
Dynamic Teach-In
Requirement: The moving object to be detected has areas with sufficient contrast difference (mark/background).
Align the light beam of the sensor to the section of the object that will be used as the background at the required operating
distance.
Turn the rotary switch to the "D" (Dynamic) position.
Starting the Teach-In Process:
Press the "TI" button until the yellow and green LEDs flash in phase (approx. 1 s).
Release the "TI" button. The dynamic teach-in process starts.
The green LED lights up permanently, while the yellow LED flashes quickly.
For each change in contrast, move the object between the mark and the background.
Housing width
11 mm
Housing height
44.5 mm
Housing depth
21.5 mm
Degree of protection
IP67 / IP69 / IP69K
Connection
2 m fixed cable
Material
Housing
PC (Polycarbonate)
Optical face
PMMA
Mass
approx. 36 g
Cable length
2 m
Approvals and certificates
Protection class
Rated insulation voltage
Ui
30 V
Rated impulse withstand voltage Uimp 800 V
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
FDA approval
IEC 60825-1:2007 Complies with 21 CFR 1040.10 and
1040.11 except for deviations pursuant to Laser Notice No.
50, dated June 24, 2007
OBP Setting Instructions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com