Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBP120-R100-2EP-IO-L Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBP120-R100-2EP-IO-L
Description  Laser trigger marks sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBP120-R100-2EP-IO-L Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBP120-R100-2EP-IO-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-L Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Laser trigger marks sensor
OBP120-R100-2EP-IO-L
4
Ending the Dynamic Teach-In Process:
Press the "TI" button again until the yellow and green LEDs flash in phase (approx. 1 s).
Wait until the green LED lights up permanently.
The teach-in process is now complete.
Teach-In Errors:
The teach-in may not be set correctly if there is insufficient contrast difference between the mark and the background.
If this is the case, the yellow and green LEDs will flash quickly in antiphase (8 Hz).
After the visual error message has been acknowledged, the sensor continues to operate using its last valid settings.
Sensor Operation with Taught-In Values:
For the sensor to use the taught-in values in the application: Set the rotary switch to the "O" (Operate) position.
Switching between Light on/Dark on:
Set the rotary switch to "L/D"—light on/dark on.
Changing the Switching Type:
Press the "TI" button for > 1 s. Changeover successful: The respective operating indicator LED (L/D) lights up green.
Resetting the Switching Type:
Press the "TI" button for > 4 s.
Reset successful: The respective operating indicator LED (L/D) lights up green.
The operating indicator is reset to the last active switching type.
Resetting to Default Settings:
Set the rotary switch to "O".
Press the "TI" button for > 10 s until the yellow and green LEDs go out.
Release the "TI" button.
The yellow LED lights up.
After completing the reset, the sensor will immediately operate with the factory settings.
For parameterization and diagnosis, the sensor can be addressed via the integrated IO link interface. This interface transmits process data in a
cyclic manner, and diagnosis data acyclically. For this, connect the sensor to an IO link master and connect the relevant master port to the IO link
device. When communication is established successfully, the green operation display LED flashes briefly every 1 s. The sensor can then be con-
figured or diagnosed by the overlying application and send its process data.
The sensor parameters are device-specific and are described in the standardized IO Device Description file (IODD). The IODD can be read into
different engineering tools using IODD support from different system providers. The sensor can then be configured or diagnosed using the rele-
vant tool and a user interface generated from the IODD.
The IODD device description, FDT framework application and IODD interpreter are available in the corresponding product description under
Software on our homepage, www.pepperl-fuchs.com.
The IO link operating mode is indicated by the green LED indicator with a short interruption (f = 1 Hz). IO link communication simultaneously
provides process data (measurement data from the sensor) and access to requirement data.
The requirement data contains the following information:
Identification:
• Manufacturer information
•Product ID
• User-specific ID
Device parameters:
• Teach-in parameters
• Operating parameters
• Configuration parameters
• Device commands
Diagnostic messages and warnings
IO link function



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com