Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPF2AB7 Datasheet(PDF) 6 Page - Schneider Electric

Part # RPF2AB7
Description  Harmony, Power plug-in relay, 30 A, 2 NO, 24 V AC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RPF2AB7 Datasheet(HTML) 6 Page - Schneider Electric

  RPF2AB7 Datasheet HTML 1Page - Schneider Electric RPF2AB7 Datasheet HTML 2Page - Schneider Electric RPF2AB7 Datasheet HTML 3Page - Schneider Electric RPF2AB7 Datasheet HTML 4Page - Schneider Electric RPF2AB7 Datasheet HTML 5Page - Schneider Electric RPF2AB7 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Product data sheet
Performance Curves
RPF2AB7
Electrical Durability of Contacts
AC Resistive load
X Switching capacity (kVA)
Y Durability (number of operating cycles)
AC Reduction coefficient for inductive load (depending on power factor cos ϕ)
Durability (inductive load) = durability (resistive load) x reduction coefficient.
Y reduction coefficient
Maximum switching capacity on DC resistive load
A 30 A
B 25 A
Note : These are typical curves, actual durability depends on load, environment, duty cycle, etc.
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com