Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPF2AB7 Datasheet(PDF) 1 Page - Schneider Electric

Part # RPF2AB7
Description  Harmony, Power plug-in relay, 30 A, 2 NO, 24 V AC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RPF2AB7 Datasheet(HTML) 1 Page - Schneider Electric

  RPF2AB7 Datasheet HTML 1Page - Schneider Electric RPF2AB7 Datasheet HTML 2Page - Schneider Electric RPF2AB7 Datasheet HTML 3Page - Schneider Electric RPF2AB7 Datasheet HTML 4Page - Schneider Electric RPF2AB7 Datasheet HTML 5Page - Schneider Electric RPF2AB7 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product data sheet
Characteristics
RPF2AB7
Harmony, Power plug-in relay, 30 A, 2 NO, 24 V
AC
Product availability : Stock - Normally stocked in distribution facility
Price* : 12.69 USD
Main
Range of product
Harmony Electromechanical Relays
Series name
Power
Product or component type
DIN rail/panel mount relay
Device short name
RPF
Contacts type and composition
2 NO
[Uc] control circuit voltage
24 V AC 50/60 Hz
Control type
Without lockable test button
Shape of pin
Flat
Contacts material
Silver tin oxide
[Ithe] conventional enclosed thermal
current
25 A -40…131 °F (-40…55 °C) relays side by side without a gap
30 A -40…131 °F (-40…55 °C) 13 mm gap between two relays
Resistive rated load
25 A 28 V DC
30 A 250 V AC
Utilisation coefficient
10 %
Complementary
Mounting support
DIN rail
Panel
Control circuit voltage limits
19.2...26.4 V
[Ie] rated operational current
30 A 277 V AC) NO UL
20 A 28 V DC) NO UL
30 A 250 V AC) NO IEC
25 A 28 V DC) NO IEC
[Ui] rated insulation voltage
250 V IEC
300 V UL
[Uimp] rated impulse withstand voltage
4 kV 1.2/50 µs
Maximum switching voltage
250 V IEC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Aug 9, 2021
1


Similar Part No. - RPF2AB7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RPF2ABD SCHNEIDER-RPF2ABD Datasheet
188Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 NO, 24 V DC
Aug 9, 2021
More results

Similar Description - RPF2AB7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RPF2ABD SCHNEIDER-RPF2ABD Datasheet
188Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 NO, 24 V DC
Aug 9, 2021
RPF2AF7 SCHNEIDER-RPF2AF7 Datasheet
188Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 NO, 120 V AC
Aug 9, 2021
RPF2AJD SCHNEIDER-RPF2AJD Datasheet
188Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 NO, 12 V DC
Aug 9, 2021
RPF2AP7 SCHNEIDER-RPF2AP7 Datasheet
194Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 NO, 230 V AC
Aug 9, 2021
RPF2BB7 SCHNEIDER-RPF2BB7 Datasheet
204Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 CO, 24 V AC
Aug 9, 2021
RPF2BBD SCHNEIDER-RPF2BBD Datasheet
203Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 CO, 24 V DC
Aug 9, 2021
RPF2BF7 SCHNEIDER-RPF2BF7 Datasheet
204Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 CO, 120 V AC
Aug 9, 2021
RPF2BJD SCHNEIDER-RPF2BJD Datasheet
204Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 CO, 12 V DC
Aug 9, 2021
RPF2BP7 SCHNEIDER-RPF2BP7 Datasheet
204Kb / 6P
Harmony, Power plug-in relay, 30 A, 2 CO, 230 V AC
Aug 9, 2021
RSB2A080B7 SCHNEIDER-RSB2A080B7 Datasheet
151Kb / 6P
Harmony, Interface plug-in relay, 8 A, 2 CO, 24 V AC
Aug 11, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com