Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO2136A Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2136A
Description  432.920 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2136A Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2136A Datasheet HTML 1Page - RF Monolithics, Inc RO2136A Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Preliminary
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2136A-062001
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at +25 °C
Absolute Frequency
fC
2, 3, 4, 5
432.845
432.995
MHz
Tolerance from 432.920 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
1.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
1.3
50
Ω Loaded Q
QL
15.650
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
16
19
Ω
Motional Inductance
LM
92.0548
µH
Motional Capacitance
CM
1.46818
fF
Transducer Static Capacitance
CO
5, 6, 9
1.4
1.7
2.0
pF
Test Fixture Inductance
LTEST
2,7
79
nH
Lid Symbolization
143
•
Ideal for 433.92 MHz Superhet Receiver LOs
•
Very Low Series Resistance
•
Quartz Stability
•
Surface-Mount Ceramic Case with 21 mm2 Footprint
•
Complies with Directive 2002/95/EC (RoHS)
The RO2136A is a true one-port, surface-acoustic-wave (SAW) resonator in a low profile surface-mount
ceramic case. It provides reliable, fundamental-mode, quartz frequency stabilization of local oscillators oper-
ating at approximately 432.920 MHz. This SAW is designed specifically for remote-control and wireless
security receivers operating in Europe under ETSI I-ETS 300 220 and in Germany under FTZ 17 TR 2100.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
+10
dBm
DC Voltage Between Terminals
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
432.920 MHz
SAW
Resonator
RO2136A
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Lifetime (10 year) frequency aging.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and gov-
ernment approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C for all specifica-
tions.
6.
The design, manufacturing process, and specifications of this device are sub-
ject to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be cal-
culated from: f= fO [1- FTC (TO -TC)
2].
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO is
the static (nonmotional) capacitance between the two terminals measured at
low frequency (10 MHz) with a capacitance meter. The measurement
includes parasitic capacitance with “NC” pads unconnected. Case parasitic
capacitance is approximately 0.05pF. Transducer parallel capacitance can be
calculated as: CP ≈ CΟ − 0.05 pF.
SM-2 Case


Similar Part No. - RO2136A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2131D RFM-RO2131D Datasheet
97Kb / 2P
314.350 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2131D MURATA-RO2131D Datasheet
99Kb / 2P
314.350 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
372.5 MHz SAW Resonator
RO2135A RFM-RO2135A Datasheet
98Kb / 2P
319.508 MHz SAW Resonator
RO2138A RFM-RO2138A Datasheet
100Kb / 2P
407.300 MHz SAW Resonator
More results

Similar Description - RO2136A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
315.00 MHz SAW Resonator
RO3073E-11 MURATA-RO3073E-11 Datasheet
394Kb / 2P
315.00 MHz SAW Resonator
RO3075A MURATA-RO3075A Datasheet
392Kb / 2P
345.00 MHz SAW Resonator
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
433.42 MHz SAW Resonator
RO3112D MURATA-RO3112D Datasheet
99Kb / 2P
433.42 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com