Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3S-DA16S/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3S-DA16S/Q
Description  Remote I/O R3 Series DISCRETE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3S-DA16S/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3S-DA16S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3S-DA16S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3S-DA16S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3S-DA16S/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R3S-DA16
R3S-DA16 SPECIFICATIONS
ES-8931 Rev.3 Page 4/4
http://www.m-system.co.jp/
21
40
22
1
18
Di 1
Di 16
Excitation supply
+
–
1
16
■ Input Circuit
Control
Circuit
INPUT TERMINAL ASSIGNMENT
PIN No.
FUNCTION
PIN No.
FUNCTION
21
0V
1
Di1
22
0V
2
Di2
23
0V
3
Di3
24
0V
4
Di4
25
0V
5
Di5
26
0V
6
Di6
27
0V
7
Di7
28
0V
8
Di8
29
0V
9
N C
30
0V
10
NC
31
0V
11
Di9
32
0V
12
Di10
33
0V
13
Di11
34
0V
14
Di12
35
0V
15
Di13
36
0V
16
Di14
37
0V
17
Di15
38
0V
18
Di16
39
0V
19
NC
40
0V
20
NC
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com