Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3S-DA16S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3S-DA16S/Q
Description  Remote I/O R3 Series DISCRETE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3S-DA16S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3S-DA16S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3S-DA16S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3S-DA16S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3S-DA16S/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R3S-DA16
R3S-DA16 SPECIFICATIONS
ES-8931 Rev.3 Page 1/4
http://www.m-system.co.jp/
Remote I/O R3 Series
DISCRETE INPUT MODULE
(Di 16 points; with excitation supply, tension clamp terminal
block)
27.5 (1.08)
130 (5.12)
120 (4.72)
mm (inch)
MODEL: R3S-DA16[1][2]
ORDERING INFORMATION
• Code number: R3S-DA16[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3S-DA16W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
16: 16
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS
blank: none
/Q: Options other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: Separable tension clamp terminal (applicable wire
size: 0.2 to 1.5 mm2, stripped length 10 mm)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Input to internal bus or internal power
Excitation monitor: Selectable with side DIP switch; ON/OFF
setting available
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with excitation abnormality;
Green in normal operating conditions.
Input status indicator: Red LED; turns on with the input ON.
Read rate: 1 / 5 / 10 / 20 / 50 / 70 / 100 / 200 msec.
selectable with DIP SW
INPUT SPECIFICATIONS
Number of input: 16 points
Isolation: Optical isolator, transformer (internal power
supply)
Input resistance: Approx. 5.9 kΩ
Common: Negative common per 16 points (20 terminals)
Sensing: 13 V DC
ON current/resistance: ≥ 1.5 mA (≤ 1.5 kΩ)
OFF current/resistance: ≤ 0.75 mA (≥ 18 kΩ)
Detection levels
ON: ≥ 10 V
OFF: ≤ 4 V
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Data allocation: 1
Current consumption: 100 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
FUNCTIONS
■ EXCITATION MONITOR
Enabled/disabled with DIP switch setting.
• Excitation Monitor ON
The input is held at the last status when the loss of
excitation is detected.
• Excitation Monitor OFF


Similar Part No. - R3S-DA16S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3S-DAC16S MSYSTEM-R3S-DAC16S Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3S-DAC16S/Q MSYSTEM-R3S-DAC16S/Q Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3S-DAC16W MSYSTEM-R3S-DAC16W Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3S-DAC16W/Q MSYSTEM-R3S-DAC16W/Q Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
More results

Similar Description - R3S-DA16S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DAC16A MSYSTEM-R3-DAC16A Datasheet
179Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DAC16 MSYSTEM-R3-DAC16 Datasheet
180Kb / 7P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-DA64A MSYSTEM-R3-DA64A Datasheet
164Kb / 6P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-SDAC16A MSYSTEM-R3-SDAC16A Datasheet
217Kb / 8P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3-SDAC16 MSYSTEM-R3-SDAC16 Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
R3Y-DA16A MSYSTEM-R3Y-DA16A Datasheet
132Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3Y-DA16 MSYSTEM-R3Y-DA16 Datasheet
124Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com