Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-RS8AS/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-RS8AS/Q
Description  Remote I/O R3 Series RTD INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-RS8AS/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-RS8AS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-RS8AS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-RS8AS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-RS8AS/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-RS8AS/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-RS8A
R3-RS8A SPECIFICATIONS
ES-8407 Rev.9 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INPUT 1
1
2
A
B
B
A
B
B
A
B
B
A
B
B
RTD
3
Input Circuit
INPUT 2
4
5
RTD
A
B
B
A
B
B
A
B
B
A
B
B
RTD
RTD
6
Input Circuit
INPUT 3
7
8
RTD
9
Input Circuit
INPUT 4
10
11
RTD
12
Input Circuit
INPUT 5
15
16
17
Input Circuit
INPUT 6
18
19
20
Input Circuit
INPUT 7
21
22
23
Input Circuit
INPUT 8
24
25
26
Input Circuit
Communication
Circuit
INTERNAL POWER
INTERNAL BUS A
INTERNAL BUS B*
*For dual redundant communication.
Control
Circuit
DIP SW
RUN LED ERR LED
27
13
28
14
• Unused Input Channels
Close across the unused input terminals with a resistor as shown below and set the DIP switch for an RTD.
The resistance value must match the RTD type (100Ω for Pt 100).
1
2
INPUT 1
4
5
INPUT 2
7
8
INPUT 3
10
11
INPUT 4
3
6
9
12
15
16
INPUT 5
17
18
19
INPUT 6
20
21
22
INPUT 7
23
24
25
INPUT 8
26
Unused channels left open are equal to the burnout, which turns the red ERR LED on and sets a burnout flag
at the PLC or the host device.
Unused channels can be specified and set so on the PC Configurator Software (model: R3CON) without needing
to connect resistors at the field terminals.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com