Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-RS8AS/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-RS8AS/Q
Description  Remote I/O R3 Series RTD INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-RS8AS/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-RS8AS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-RS8AS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-RS8AS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-RS8AS/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-RS8AS/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-RS8A
R3-RS8A SPECIFICATIONS
ES-8407 Rev.9 Page 2/5
https://www.m-system.co.jp/
PERFORMANCE
Conversion accuracy: ±0.2°C or ±0.4°F
Conversion rate: 250 msec. or 1 sec. selectable
Data range
°C: Engineering unit value × 100 (integer)
°F: Engineering unit value × 10 (integer)
Data allocation: 8
Current consumption: 100 mA
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Resolution: 0.03°C (0.1°F)
Burnout response time: ≤ 2 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to input 5 to input 6 to input 7 to
input 8 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
SW2
SW1
ON
1
2
3
4
5
6
7
8
ON
ON
1
2
3
4
5
6
7
8
SW3
1
2
3
4
5
19
20
21
22
15
16
17
18
23
24
25
26
27
28
6
7
8
9
10
11
12
13
14
1
2
3
4
FRONT VIEW
ERR LED
RUN LED
SIDE VIEW
Input 1-4 (SW1)
or
Input 5-8 (SW2)
RTD
Conv.
Rate
Temp.
Unit
Burnout
■
■
Functions
INPUT DATA DESCRIPTIONS
■ ANALOG DATA (TEMPERATURE DATA)
0
15
16-bit binary data.
With °C temperature unit, raw data is multiplied by 100. For example, 25.5°C is converted into 2550.
With °F temperature unit, raw data is multiplied by 10. For example, 135.4°F is converted into 1354.
Minus temperature is converted into negative values, represented in 2’s complements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com