Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-RS8S/CE Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-RS8S/CE
Description  Remote I/O R3 Series RTD INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-RS8S/CE Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-RS8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-RS8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-RS8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-RS8S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-RS8S/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R3-RS8
R3-RS8 SPECIFICATIONS
ES-8365 Rev.10 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
A
B
B
A
B
B
A
B
B
A
B
B
A
B
B
A
B
B
A
B
B
A
B
B
INPUT 1
1
2
RTD
3
Input Circuit
INPUT 2
4
5
RTD
6
Input Circuit
INPUT 3
7
8
RTD
9
Input Circuit
INPUT 4
10
11
RTD
12
Input Circuit
INPUT 5
15
16
RTD
17
Input Circuit
INPUT 6
18
19
RTD
20
Input Circuit
INPUT 7
21
22
RTD
23
Input Circuit
INPUT 8
24
25
RTD
26
Input Circuit
Communication
Circuit
INTERNAL POWER
*For dual redundant communication.
Control
Circuit
DIP SW
RUN LED ERR LED
27
13
28
14
• Unused Input Channels
1
2
INPUT 1
4
5
INPUT 2
7
8
INPUT 3
10
11
INPUT 4
3
6
9
12
15
16
INPUT 5
17
18
19
INPUT 6
20
21
22
INPUT 7
23
24
25
INPUT 8
26
INTERNAL BUS A
INTERNAL BUS B*
The resistance value must match the RTD type (100Ω for Pt 100, 50Ω for Pt 50Ω).
Unused channels left open are equal to the burnout, which turns the red ERR LED on and sets a burnout flag
at the PLC or the host device.
Unused channels can be specied and set so on the PC Congurator Software (model: R3CON) without needing
to connect resistors at the eld terminals.
Close scross the unused input terminals with a resistor as shown below and set the DIP switch for an RTD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com