Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-RS8S/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-RS8S/CE
Description  Remote I/O R3 Series RTD INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-RS8S/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-RS8S/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-RS8S/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-RS8S/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-RS8S/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-RS8S/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-RS8
R3-RS8 SPECIFICATIONS
ES-8365 Rev.10 Page 1/5
https://www.m-system.co.jp/
Remote I/O R3 Series
RTD INPUT MODULE
(8 points, isolated)
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL: R3-RS8[1][2]
ORDERING INFORMATION
• Code number: R3-RS8[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-RS8W/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
8: 8
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8365)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: M3 separable screw terminal (torque 0.5 N·m)
Internal power: Via the Installation Base (model: R3-BSx)
Screw terminal: Nickel-plated steel
Isolation: Input 1 to input 2 to input 3 to input 4 to input 5 to
input 6 to input 7 to input 8 to internal bus or internal power
Sensor type: Selectable with the side DIP SW
(Independent types selectable per group of 4 channels.)
Temperature unit: °C, °F or absolute temperature selectable
with the side DIP SW
Conversion rate: Selectable with the side DIP SW
Burnout detection: Upscale or downscale selectable with the
side DIP SW
Linearization: Standard
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with burnout; Green in normal operating conditions.
INPUT SPECIFICATIONS
Maximum leadwire resistance: 100 Ω per wire
Sensing current: ≤ 1 mA
Temperature range
RTD
°C
USABLE RANGE
CONFORMANCE RANGE
Pt 100 (JIS ’97, IEC)
Pt 100 (JIS ’89)
JPt 100 (JIS ’89)
-240 to +900
-240 to +900
-236 to +560
-200 to +850
-200 to +660
-200 to +510
Pt 50Ω (JIS ’81)
Ni 100
Cu 10 @25°C
Cu 50
-236 to +700
-100 to +252
-212 to +312
-100 to +200
-200 to +649
-80 to +250
-50 to +250
-50 to +150
RTD
°F
USABLE RANGE
CONFORMANCE RANGE
Pt 100 (JIS ’97, IEC)
Pt 100 (JIS ’89)
JPt 100 (JIS ’89)
-400 to +1652
-400 to +1652
-393 to +1040
-328 to +1562
-328 to +1220
-328 to +950
Pt 50Ω (JIS ’81)
Ni 100
Cu 10 @25°C
Cu 50
-393 to +1292
-148 to +486
-350 to +594
-148 to +392
-328 to +1200
-112 to +482
-58 to +482
-58 to +302
Max. (upscale) or min. (downscale) value of the usable range when
a burnout is detected.


Similar Part No. - R3-RS8S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-RS8A MSYSTEM-R3-RS8A Datasheet
146Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8AS MSYSTEM-R3-RS8AS Datasheet
146Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8AS/CE MSYSTEM-R3-RS8AS/CE Datasheet
146Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8AS/Q MSYSTEM-R3-RS8AS/Q Datasheet
146Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8AW MSYSTEM-R3-RS8AW Datasheet
146Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
More results

Similar Description - R3-RS8S/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-AR4 MSYSTEM-R3-AR4 Datasheet
134Kb / 4P
Remote I/O R3 Series RTD INPUT ALARM MODULE
R3-DA64A MSYSTEM-R3-DA64A Datasheet
164Kb / 6P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3-MS8 MSYSTEM-R3-MS8 Datasheet
140Kb / 5P
Remote I/O R3 Series POTENTIOMETER INPUT MODULE
R3-SRS4A MSYSTEM-R3-SRS4A Datasheet
152Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8B MSYSTEM-R3-RS8B Datasheet
145Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS8A MSYSTEM-R3-RS8A Datasheet
146Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4A MSYSTEM-R3-RS4A Datasheet
136Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3-RS4 MSYSTEM-R3-RS4 Datasheet
132Kb / 4P
Remote I/O R3 Series RTD INPUT MODULE
R3Y-RS8 MSYSTEM-R3Y-RS8 Datasheet
134Kb / 5P
Remote I/O R3 Series RTD INPUT MODULE
R3-TS8A MSYSTEM-R3-TS8A Datasheet
145Kb / 5P
Remote I/O R3 Series THERMOCOUPLE INPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com