Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMXSABREAI2FS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMXSABREAI2FS
Description  SABRE Platform for Automotive Infotainment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXSABREAI2FS Datasheet(HTML) 1 Page - NXP Semiconductors

  IMXSABREAI2FS Datasheet HTML 1Page - NXP Semiconductors IMXSABREAI2FS Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
i.MX Applications Processors
SABRE Platform for
Automotive Infotainment
Based on the i.MX 6 Series
Overview
Freescale delivers the ultimate in
performance and design flexibility with
the Smart Application Blueprint for Rapid
Engineering (SABRE) for automotive
infotainment based on the i.MX 6 series of
automotive applications processors. A high-
performance, market-focused development
system, the SABRE for automotive
infotainment offers a solid foundation for
next-generation automotive multimedia
platform designs. The i.MX 6 series
represents our most scalable implementation
of the ARM® Cortex™-A9 CPU cores for
the automotive market. With pin-compatible
single-, dual- and quad-core offerings and
processing speeds up to 1 GHz, as well as a
high level of automotive-specific integration,
the SABRE for automotive infotainment
enables customers to rapidly deploy today’s
consumer user experiences in the car.
A range of highly flexible connectivity
options makes the SABRE for automotive
infotainment ideal for developing many
different types of advanced infotainment
and telematics applications. The platform
is designed to support many off-the-shelf
peripherals for automotive systems, such as:
• camerasanddisplays
• terrestrialandsatelliteradiotuners
• Wi-Fi,Bluetooth,GPSmodules
• cellularmodems
• smartphoneauthenticationmodules
• MOST25/50connectivitymodules
• BroadR-Reach® Ethernet AVB modules
It is also a modular platform, allowing
customers to integrate the platform
CPU cards into their own systems to
rapidly prototype solutions with a custom
peripheral set.
Flexibility
• Exploremultipleconnectivityoptions
through support of common automotive
peripherals via dedicated headers
• Investigateadvancedvideoandgraphics
use cases through the i.MX 6 series high-
definition video processing unit and Triple
Play graphics accelerators
• Useprovendesignexamplesand
software drivers to reduce development
time associated with design-in of key
connectivity options
• Enablerapidprototypingofhuman-
machine interfaces (HMI) running in the
full system or with only the CPU card in
standalone mode
• Developautomotivenetworkconnectivity
applications using the on-board CAN,
MLB and Ethernet AVB peripherals
Performance
The SABRE for automotive infotainment
offers system designers access to key
features required for an end design, enabling
rapid development of advanced in-car
applications. When combined with third-
party production-ready software components
and a system-validated operating system
board support package (BSP), designers
have the tools to test and maximize the
performance of the applications they
have developed.
The i.MX 6 series of automotive applications
processors is ideally suited for development
of scalable infotainment and telematics
applications. Processor capability ranges
from a single ARM Cortex-A9 core at
800MHzuptoaquad-coreimplementation
at up to 1 GHz, with two dual-core variants
each with varying levels of graphics
performance.Dualandquaddisplay
applications are also supported by the
platform using i.MX 6 series on-board
low-voltagedifferentialsignaling(LVDS)
and parallel display interfaces. High-
performance multi-channel audio and audio
mixing applications are supported using
the on-board ESAI (enhanced serial audio
interface), multiple I2S ports and a hardware
asynchronous sample rate converter.
Multimedia applications are also supported
viathei.MX6series3Dgraphicsprocessors
ratedfrom27to176milliontriangles
persecondwithindependentOpenVG
and composition processing. High-end
multimedia use cases are supported via the
i.MX 6 series video processing unit, capable
ofsupportingfull1080pvideoencodeand
decode with minimal CPU loading.
Personality
The SABRE for automotive infotainment
series allows designers to quickly prototype
custom applications using multiple onboard
interfaces, giving decision makers confidence
that the application can progress quickly to


Similar Part No. - IMXSABREAI2FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMX-1000 ETC2-IMX-1000 Datasheet
1Mb / 2P
Industrial Mobile Handheld Device
IMX-1000 ETC2-IMX-1000 Datasheet
419Kb / 2P
Industrial Mobile Handheld Device
IMX-1100 ETC2-IMX-1100 Datasheet
516Kb / 2P
Industrial Mobile Handheld Device
IMX-2000 ETC2-IMX-2000 Datasheet
1Mb / 2P
Industrial Mobile Handheld Device
IMX-2170 ETC2-IMX-2170 Datasheet
1Mb / 2P
Industrial Mobile Handheld Device
More results

Similar Description - IMXSABREAI2FS

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA8X0 VTI-SCA8X0 Datasheet
527Kb / 35P
VTI Automotive Digital Accelerometer Platform
logo
Freescale Semiconductor...
IMX53AEC FREESCALE-IMX53AEC Datasheet
2Mb / 178P
Automotive and Infotainment Applications Processors
logo
Texas Instruments
DRA756 TI1-DRA756 Datasheet
101Kb / 5P
SoC Processors for Automotive Infotainment Technical Brief
logo
NXP Semiconductors
MCIMX6QP-SDB NXP-MCIMX6QP-SDB Datasheet
325Kb / 12P
SABRE Board for Smart Devices
2012, 2014??015
logo
Maxim Integrated Produc...
MAX25201 MAXIM-MAX25201 Datasheet
1Mb / 22P
36V HV Synchronous Boost Controller for Automotive Infotainment Applications
Rev 3; 2/20
MAX25201 MAXIM-MAX25201_V01 Datasheet
833Kb / 25P
36V HV Synchronous Boost Controller for Automotive Infotainment Applications
2021
logo
Nexperia B.V. All right...
PESD2USB3UV-T NEXPERIA-PESD2USB3UV-T Datasheet
273Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
PESD2USB3UX-T NEXPERIA-PESD2USB3UX-T Datasheet
270Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
PESD2USB5UV-T NEXPERIA-PESD2USB5UV-T Datasheet
274Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
PESD2USB5UX-T NEXPERIA-PESD2USB5UX-T Datasheet
271Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com